Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 3 Page - Texas Instruments

  TPL0202 Datasheet HTML 1Page - Texas Instruments TPL0202 Datasheet HTML 2Page - Texas Instruments TPL0202 Datasheet HTML 3Page - Texas Instruments TPL0202 Datasheet HTML 4Page - Texas Instruments TPL0202 Datasheet HTML 5Page - Texas Instruments TPL0202 Datasheet HTML 6Page - Texas Instruments TPL0202 Datasheet HTML 7Page - Texas Instruments TPL0202 Datasheet HTML 8Page - Texas Instruments TPL0202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
N.C.
GND
N.C.
N.C.
LA
WA
HA
N.C.
EP
3
TPL0202
www.ti.com
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RTE Package
16-Pin WQFN With Exposed Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VDD
1
Power
Supply voltage
SCLK
2
Input
SPI clock
DIN
3
Input
SPI input
CS
4
Input
SPI chip select (active low)
N.C.
5, 6, 8, 9, 16
—
Not internally connected. Can be connected to GND
GND
7
—
Ground
LB
10
I/O
Low terminal of potentiometer B
WB
11
I/O
Wiper terminal of potentiometer B
HB
12
I/O
High terminal of potentiometer B
LA
13
I/O
Low terminal of potentiometer A
WA
14
I/O
Wiper terminal of potentiometer A
HA
15
I/O
High terminal of potentiometer A
EP
EP
—
Exposed thermal pad
Can be connected to GND or left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com