Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 4 Page - Texas Instruments

  TPL0202 Datasheet HTML 1Page - Texas Instruments TPL0202 Datasheet HTML 2Page - Texas Instruments TPL0202 Datasheet HTML 3Page - Texas Instruments TPL0202 Datasheet HTML 4Page - Texas Instruments TPL0202 Datasheet HTML 5Page - Texas Instruments TPL0202 Datasheet HTML 6Page - Texas Instruments TPL0202 Datasheet HTML 7Page - Texas Instruments TPL0202 Datasheet HTML 8Page - Texas Instruments TPL0202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
TPL0202
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Follows the algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Supply voltage
VDD to GND
–0.3
7
V
All other pins to GND
–0.3
VDD + 0.3
V
IL
IW
IH
Pulse current
±20
mA
Continuous current
TPL0202-10
±2
mA
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD,GND
2.7
5.5
V
VH, VL, VW
Terminal voltage range
0
VDD
V
VIH
Voltage input high (SCLK, DIN, CS)
VDD = 3.6 V to 5.5 V
2.4
5.5
V
VDD = 2.7 V to 3.6 V
0.7 × VDD
5.5
VIL
Voltage input low (SCLK, DIN, CS)
0
0.8
V
IW
Wiper current
±2
mA
TA
Free-air ambient temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPL0202
UNIT
RTE (WQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
73.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.4
°C/W
RθJB
Junction-to-board thermal resistance
34.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
34.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
23.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com