Electronic Components Datasheet Search
  English  ▼

X  

TPL0202 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPL0202
Description  TPL0202 256-Taps Dual Channel Digital Potentiometer With SPI and Non-Volatile Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0202 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPL0202 Datasheet HTML 9Page - Texas Instruments TPL0202 Datasheet HTML 10Page - Texas Instruments TPL0202 Datasheet HTML 11Page - Texas Instruments TPL0202 Datasheet HTML 12Page - Texas Instruments TPL0202 Datasheet HTML 13Page - Texas Instruments TPL0202 Datasheet HTML 14Page - Texas Instruments TPL0202 Datasheet HTML 15Page - Texas Instruments TPL0202 Datasheet HTML 16Page - Texas Instruments TPL0202 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
(
)
HW
H
L
D
V
V
V
1
256
æ
ö
æ
ö
=
-
´
-
ç
÷
ç
÷
è
ø
è
ø
(
)
W
WL
H
L
D
V
V
V
V
256
=
=
-
´
H
L
W
VHW
VH - VL
VWL
13
TPL0202
www.ti.com
SLIS135E – DECEMBER 2010 – REVISED FEBRUARY 2017
Product Folder Links: TPL0202
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Dual Channel, 256-Position Resolution
The TPL0202 features two independent DPOTs. Each DPOT is capable of being used and controlled
independently of the other one.
7.3.2 Non-Volatile Memory
The TPL0202 device features non-volatile memory which is used to store the wiper positions of both
potentiometers independently. This allows the user to set the default power-up position of the wiper. By default,
this is 0x80h (midscale).
7.4 Device Functional Modes
7.4.1 Voltage Divider Mode
The digital potentiometer generates a voltage divider when all three terminals are used. The voltage divider at
wiper-to-H and wiper-to-L is proportional to the input voltage at H to L.
Figure 22. Equivalent Circuit for Voltage Divider Mode
For example, connecting terminal H to 5 V and terminal L to ground, the output voltage at terminal W can range
from 0 V to 5 V. The general equation defining the output voltage at terminal W for any valid input voltage
applied to terminal H and terminal L is:
(1)
The voltage difference between terminal H and terminal W can also be calculated using Equation 2.
where
•
D is the decimal value of the wiper code.
(2)
7.4.2 Rheostat Mode
The TPL0202 operates in rheostat mode when only two terminals are used as a variable resistor. The variable
resistance can either be between terminal H and terminal W or between terminal L and terminal W. The unused
terminal can be left floating or it can be tied to terminal W. The nominal resistance between terminal H and
terminal L is 10 k
Ω and has 256 tap points accessed by the wiper terminal. The 8-bit volatile register value is
used to determine one of the 256 possible wiper positions.
To set the resistance between terminal H and terminal W in rheostat mode, the potentiometer can be configured
in two possible ways.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com