Electronic Components Datasheet Search
  English  ▼

X  

LC320DXE Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LC320DXE Datasheet HTML 1Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
4 / 35
Source Driver Circuit
General Features
Active Screen Size
31.51 inches(800.4mm) diagonal
Outline Dimension
725.2 mm(H) x 424.4 mm(V) x 35.0 mm(D) (Typ.)
Pixel Pitch
170.25㎛ x 510.75㎛ x RGB
Pixel Format
1366 horiz. by 768 vert. pixels RGB stripe arrangement
Color Depth
8bit(D), 16,7 M colors
Luminance, White
300 cd/m2 (Center 1 point) (Typ.)
Viewing Angle (CR>10)
Viewing angle free ( R/L 178(Min.), U/D 178(Min.))
Power Consumption
Total 35.66 W (Typ.) (Logic=3.1 W , LED Driver = 32.56 W [(IF_cathode=400mA)])
Weight
3,800g (Typ.)
Display Mode
Transmissive mode, Normally black
Surface Treatment
Hard coating(3H), Anti-glare treatment of the front polarizer (Haze < 1%)
1. General Description
The LC320DXE is a Color Active Matrix Liquid Crystal Display with an integral Light Emitting Diode (LED)
b a c k l i g h t s ys t e m . T h e m a t r ix e m p lo ys a - Si T h in F i lm T r a n s is t o r as the a c t i v e e le m e n t .
It is a transmissive display type which is operating in the normally black mode. It has a 31.51 inch diagonally
measured active display area with WXGA resolution (768 vertical by 1366 horizontal pixel array).
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in Horizontal stripes.
Gray scale or the luminance of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus presenting a palette of more than 16.7M(6bit + FRC) colors.
It has been designed to apply the 8-bit 1-port LVDS interface.
It is intended to support LCD TV, PCTV where high brightness, super wide viewing angle, high color gamut,
high color depth and fast response time are important.
CN1
(30pin)
Power Circuit
Block
S1
S1366
Mini-LVDS(RGB)
TFT - LCD Panel
(1366 × 768 x RGB pixels)
[Gate In Panel]
Timing Controller
[LVDS Rx]
EEPROM
SDA
SCL
LVDS 1Port
+12.0V
LVDS Select #9
Control
Signals
Power Signals
G1
G768
LED Anode
LED Cathode
CN1 (7pin)
Back light Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com