Electronic Components Datasheet Search
  English  ▼

X  

LC320DXE Datasheet(PDF) 17 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button LC320DXE Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
17 / 35
Table 11. GRAY SCALE SPECIFICATION
Gray Level
Luminance [%] (Typ)
L0
0.08
L15
0.27
L31
1.04
L47
2.49
L63
4.68
L79
7.66
L95
11.5
L111
16.1
L127
21.6
L143
28.1
L159
35.4
L175
43.7
L191
53.0
L207
63.2
L223
74.5
L239
86.7
L255
100
notes : 1. Contrast Ratio(CR) is defined mathematically as :
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
It is measured at center 1-point.
2. Surface luminance are determined after the unit has been ‘ON’ and 1 Hour after lighting the
backlight in a dark environment at 25±2°C. Surface luminance is the luminance value at center
1-point across the LCD surface 50cm from the surface with all pixels displaying white.
For more information see the FIG. 2.
3. The variation in surface luminance ,
 WHITE is defined as :
 WHITE(9P) = Minimum(L
on1,Lon2, · · · , Lon8, Lon9) / Maximum(Lon1,Lon2, · · · , Lon8, Lon9)
Where L
on1 to Lon9 are the luminance with all pixels displaying white at 9 locations .
For more information, see the FIG. 2.
4. Response time is the time required for the display to transit from any gray to white (Rise Time, Tr
R)
and from any gray to black (Decay time, Tr
D). For additional information see the FIG. 3.
※ G to G
BW Spec stands for average value of all measured points.
Photo Detector : RD-80S / Field : 2 °
5. G to G σ is Variation of Gray to Gray response time composing a picture
G to G (σ) =
6. Viewing angle is the angle at which the contrast ratio is greater than 10. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which
is normal to the LCD module surface. For more information, see the FIG. 4.
7. Gray scale specification
Gamma Value is approximately 2.2. For more information, see the Table 11.
Σ(Xi- u)2
N
Xi = Individual Data
u = Data average
N : The number of Data
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com