Electronic Components Datasheet Search
  English  ▼

X  

LC320DXE Datasheet(PDF) 28 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 28 Page - LG Semicon Co.,Ltd.

Back Button LC320DXE Datasheet HTML 24Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 25Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 26Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 27Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 28Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 29Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 30Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 31Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 32Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
28 / 35
# APPENDIX-I
<GZ>
NO.
DESCRIPTION
MATERIAL
1
LCD Module
-
2
BAG
AL
3
TAPE
MASKING 20MMX50M
4
Packing
EPS
5
Packing
EPS
NO.
DESCRIPTION
MATERIAL
6
PALLET
Wood 1200 X 870 X 125
7
BAND
PP
8
CLIP, BAND
STEEL
9
Angle Cover
PAPER
10
Angle Packing
PAPER
11
LABEL
ART 100X70
NO.
DESCRIPTION
MATERIAL
1
LCD Module
-
2
BAG
AL
3
TAPE
MASKING 20MMX50M
4
Packing
EPS
5
Packing
EPS
NO.
DESCRIPTION
MATERIAL
6
PALLET
Wood 1200 X 870 X 120
7
BAND
PP
8
CLIP, BAND
STEEL
9
Angle Packing
PAPER
10
LABEL
ART 100X70
<WR>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com