Electronic Components Datasheet Search
  English  ▼

X  

LC320DXE Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LC320DXE Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
8 / 35
This LCD module employs two kinds of interface connection, a 30-pin connector is used for the module
electronics and 14-pin connector is used for the integral backlight system.
3-2-1. LCD Module
3-2. Interface Connections
Table 4. MODULE CONNECTOR(CN1) PIN CONFIGURATION
Pin No.
Symbol
Description
Note
1
VLCD
Power Supply +12.0V
2
VLCD
Power Supply +12.0V
3
VLCD
Power Supply +12.0V
4
VLCD
Power Supply +12.0V
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
GND
Ground
9
LVDS Select
‘H’ =JEIDA , ‘L’ or NC = VESA
Appendix IV
10
NC
No Connection
4
11
GND
Ground
12
RA-
LVDS Receiver Signal(-)
13
RA+
LVDS Receiver Signal(+)
14
GND
Ground
15
RB-
LVDS Receiver Signal(-)
16
RB+
LVDS Receiver Signal(+)
17
GND
Ground
18
RC-
LVDS Receiver Signal(-)
19
RC+
LVDS Receiver Signal(+)
20
GND
Ground
21
RCLK-
LVDS Receiver Clock Signal(-)
22
RCLK+
LVDS Receiver Clock Signal(+)
23
GND
Ground
24
RD-
LVDS Receiver Signal(-)
25
RD+
LVDS Receiver Signal(+)
26
GND
Ground
27
NC
No Connection (Note 4)
4
28
NC
No Connection (Note 4)
4
29
NC
No Connection (Note 4)
4
30
GND
Ground
- LCD Connector(CN1): KDF71G-30S-1H (Manufactured by Hirose) or IS100-L30B-C23 (Manufactured by UJU)
or FI-X30SSL-HF (Manufactured by JAE) or GT103-30S-H23-M (Manufactured by LS Cable)
or 187024-30091 (Manufactured by P-TWO)
- Mating Connector : : FI-X30C2L (Manufactured by JAE) or Equivalent
Notes : 1.
All GND (Ground) pins should be connected together to the LCD module’s metal frame.
2. All VLCD (power input) pins should be connected together.
3. All Input levels of LVDS signals are based on the EIA 644 Standard.
4. These pins are used only for LGD (Do not connect)
5. Specific pin No. #30 is used for “No signal detection” of system signal interface.
It should be GND for NSB (No Signal Black) while the system interface signal is not.
If this pin is “H”, LCD Module displays AGP (Auto Generation Pattern).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com