Electronic Components Datasheet Search
  English  ▼

X  

LC320DXE Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LC320DXE Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
6 / 35
3. Electrical Specifications
3-1. Electrical Characteristics
It requires two power inputs. One is employed to power for the LCD circuit. The other Is used for the LED
backlight
Mosaic Pattern(8 x 6)
White : 255 Gray
Black :
0 Gray
Table 2. ELECTRICAL CHARACTERISTICS
1. The specified current and power consumption are under the V
LCD=12.0V, Ta=25  2°C, fV=60Hz
condition, and mosaic pattern(8 x 6) is displayed and f
V is the frame frequency.
2. The current is specified at the maximum current pattern.
3. The duration of rush current is about 2ms and rising time of power input is 0.5ms (min.).
4. Ripple voltage level is recommended under ±5% of typical voltage
Parameter
Symbol
Value
Unit
notes
Min
Typ
Max
Circuit :
Power Input Voltage
VLCD
10.8
12.0
13.2
VDC
Power Input Current
ILCD
-
255
332
mA
1
-
320
416
mA
2
Power Consumption
PLCD
3.1
4.0
Watt
1
Rush current
IRUSH
-
-
4.0
A
3
Notes :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com