Electronic Components Datasheet Search
  English  ▼

X  

LC320DXE Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LC320DXE Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
7 / 35
Table 3. ELECTRICAL CHARACTERISTICS (Continue)
The design of the LED driver must have specifications for the LED array in LCD Assembly.
The electrical characteristics of LED driver are based on Constant Current driving type.
The performance of the LED in LCM, for example life time or brightness, is extremely influenced by the
characteristics of the LED Driver. So, all the parameters of an LED driver should be carefully designed.
When you design or order the LED driver, please make sure unwanted lighting caused by the mismatch of the
LED and the driver (no lighting, flicker, etc) has never been occurred. When you confirm it, the LCD
–
Assembly should be operated in the same condition as installed in your instrument.
1. Electrical characteristics are based on LED Array specification.
2. Specified values are defined for a Backlight Assembly. (IBL :2 LED array/LCM)
3. Each LED array has one anode terminal and one cathode terminals.
The forward current(I
F) of the anode terminal is 400mA and it supplies 400mA into 1 strings, respectively
4. The forward voltage(V
F) of LED array depends on ambient temperature (Appendix-VII)
5. Maximum level of power consumption is measured at initial turn on.
Typical level of power consumption is measured after 1hrs aging at 25
 2°C.
6. The life time(MTTF) is determined as the time at which brightness of the LED is 50% compared to that of
initial value at the typical LED current on condition of continuous operating at 25
 2°C, based on duty 100%.
7. The reference method of burst dimming duty ratio.
It is recommended to use synchronous V-sync frequency to prevent waterfall
(Vsync * 2 =Burst Frequency)
Though PWM frequency is over 182Hz (max252Hz), function of backlight is not affected.
Parameter
Symbol
Values
Unit
Note
Min
Typ
Max
Backlight Assembly :
Forward Current
(one array)
Anode
I
F (anode)
400
mAdc
±5%
2, 3
Cathode
I
F (cathode)
380
400
420
mAdc
Forward Voltage
V
F
74.8
81.4
88.0
Vdc
4
Power Consumption
P
BL
-
32.6
35.2
W
5
Burst Dimming Duty
On duty
1
100
%
Burst Dimming Frequency
1/T
95
182
Hz
7
LED Array : (APPENDIX-V)
Life Time
30,000
Hrs
6
Notes :
° ° °
Anode#1
1string(22 LED PKG)
Cathode #1
1 Array (1 Strings)
400mA
400mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com