Electronic Components Datasheet Search
  English  ▼

X  

LC320DXE Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button LC320DXE Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
10 / 35
3-3. Signal Timing Specifications
Table 6 shows the signal timing required at the input of the LVDS transmitter. All of the interface signal
timings should be satisfied with the following specification for normal operation.
Table 6. TIMING TABLE (DE Only Mode)
Note: 1. The input of HSYNC & VSYNC signal does not have an effect on normal operation (DE Only Mode).
If you use spread spectrum of EMI, add some additional clock to minimum value for clock margin.
2. The performance of the electro-optical characteristics may be influenced by variance of the vertical
refresh rate and the horizontal frequency
※ Timing should be set based on clock frequency.
ITEM
Symbol
Min
Typ
Max
Unit
Note
Horizontal
Display
Period
tHV
-
1366
-
tclk
Blank
tHB
90
162
410
tclk
Total
tHP
1456
1528
1776
tclk
Vertical
Display
Period
tVV
-
768
-
tHP
Blank
tVB
20
(126)
22
(180)
240
(295)
tHP
1
Total
tVP
788
(894)
790
(948)
1008
(1063)
tHP
ITEM
Symbol
Min
Typ
Max
Unit
Note
Frequency
DCLK
fCLK
63.0
72.4
80.0
MHz
Horizontal
fH
45
47.4
55
KHz
2
Vertical
fV
57
(47)
60
(50)
63
(53)
Hz
2
NTSC :
57~63Hz
(PAL : 47~53Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com