Electronic Components Datasheet Search
  English  ▼

X  

LC320DXE Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Back Button LC320DXE Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 16Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
12 / 35
1) DC Specification
2) AC Specification
Description
Symbol
Min
Max
Unit
Note
LVDS Common mode Voltage
VCM
1.0
1.5
V
-
LVDS Input Voltage Range
VIN
0.7
1.8
V
-
Change in common mode Voltage
ΔVCM
-
250
mV
-
LVDS 1’st Clock
T
clk
LVDS 2nd / 3rd / 4th Clock
t
SKEW_min tSKEW_max
20%
80%
A
t
RF
LVDS Data
tSKEW
LVDS Clock
Tclk
( Fclk = 1 /Tclk )
tSKEW
A
1. All Input levels of LVDS signals are based on the EIA 644 Standard.
2. If
tRF isn’t enough, teff should be meet the range.
3. LVDS Differential Voltage is defined within
teff
LVDS
+
LVDS
-
0V
V
CM
# V CM = {( LVDS +) + ( LVDS - )} /2
V
IN _ MAX
V
IN _ MIN
notes
3-4-2. LVDS Input Signal Characteristics
Description
Symbol
Min
Max
Unit
Note
LVDS Differential Voltage
VTH
100
600
mV
Tested with Differential Probe
3
VTL
-600
-100
mV
LVDS Clock to Data Skew
tSKEW
-
|(0.20*Tclk)/7|
ps
-
LVDS Clock/DATA Rising/Falling time
tRF
260
|(0.3*Tclk)/7|
ps
2
Effective time of LVDS
teff
|±360|
-
ps
-
LVDS Clock to Clock Skew (Even to Odd)
tSKEW_EO
-
|1/7* Tclk|
ps
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com