Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 4 Page - Analog Devices

  ADPL12002 Datasheet HTML 1Page - Analog Devices ADPL12002 Datasheet HTML 2Page - Analog Devices ADPL12002 Datasheet HTML 3Page - Analog Devices ADPL12002 Datasheet HTML 4Page - Analog Devices ADPL12002 Datasheet HTML 5Page - Analog Devices ADPL12002 Datasheet HTML 6Page - Analog Devices ADPL12002 Datasheet HTML 7Page - Analog Devices ADPL12002 Datasheet HTML 8Page - Analog Devices ADPL12002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 4
Absolute Maximum Ratings
SUP....................................................................-0.3V to +22V
EN ......................................................................-0.3V to +22V
BST to LX..........................................................-0.3V to +2.2V
BST ....................................................................-0.3V to +24V
LX.............................................................-0.3V to SUP + 0.3V
SYNC ...................................................................-0.3V to +6V
FB ......................................................................-0.3V to +16V
PGOOD................................................................-0.3V to +6V
BIAS ..................................................................-0.3V to +2.2V
SPS ...................................................................-0.3V to +2.2V
PGND to AGND ................................................ -0.3V to +0.3V
LX Continuous RMS current .............................................3.5A
ESD Protection
__Human Body Model ..................................................... ±2kV
__Charged Device Model...............................................±750V
__Continuous Power Dissipation (Multilayer Board) (TA =
+70°C, derate 25mW/°C above +70°C.).................... 2000mW
__Operating Junction Temperature Range .... -40°C to +150°C
__Storage Temperature Range ..................... -65°C to +150°C
__Soldering Temperature (soldering 10s) .................... +300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Package Code
F153B3F+1F
Outline Number
21-100701
Land Pattern Number
90-100241
Thermal Resistance, Single-Layer Board:
Junction-to-Ambient (θJA)
40°C/W
Junction-to-Case Thermal Resistance (θJC)
15°C/W
Thermal Resistance, Four-Layer Board:
Junction-to-Ambient (θJA)
51°C/W
Junction-to-Case Thermal Resistance (θJC)
21°C/W
For the latest package outline information and land patterns (footprints), go to https://www.analog.com/en/design-
center/packaging-quality-symbols-footprints/package-index.html. Note that a “+”, “#”, or “-” in the package code indicates
RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package
regardless of RoHS status.
Package thermal resistances were obtained using the evaluation kit, a four-layer board. For detailed information on
package thermal considerations, refer to https://www.analog.com/en/technical-articles/thermal-characterization-of-ic-
packages.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com