Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPL12002 Datasheet HTML 8Page - Analog Devices ADPL12002 Datasheet HTML 9Page - Analog Devices ADPL12002 Datasheet HTML 10Page - Analog Devices ADPL12002 Datasheet HTML 11Page - Analog Devices ADPL12002 Datasheet HTML 12Page - Analog Devices ADPL12002 Datasheet HTML 13Page - Analog Devices ADPL12002 Datasheet HTML 14Page - Analog Devices ADPL12002 Datasheet HTML 15Page - Analog Devices ADPL12002 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 12
Applications Information
Setting the Output Voltage
The ADPL12002/ADPL12003 ICs are available with adjustable-output-voltage. The output voltage can be adjusted
between 0.8V and 12V using an external resistor-divider. Connect a resistor-divider from the buck output to FB to GND
and a feed-forward capacitor from the buck output to FB (see Typical Application Circuits section for more details). Select
RFB2 ≤ 50kΩ. Calculate RFB1 with the following equation:
Equation 1:
RFB1 = RFB2 [(
VOUT
VFB
) - 1] ; where VFB = 0.8V.
Table 1. Recommended Components for Adjustable Output
PART NUMBER
FREQUENCY
VOUT (V)
INDUCTOR (µH)
EFFECTIVE COUT (µF)
CFF (pF)
ADPL12002
400kHz
0.8V–1.5V
3.3μH
130µF
–
1.5V–3V
4.7μH
63µF
33pF
3V–6V
6.8μH
40µF
33pF
6V–12V
8.2μH
30µF
22pF
1.5MHz
0.8V–1.5V
0.68μH
120µF
–
1.5V–3V
1.5μH
55µF
47pF
3V–6V
2.2μH
42µF
47pF
6V–12V
4.7μH
25µF
82pF
ADPL12003
400kHz
0.8V–1.5V
3.3μH
130µF
–
1.5V–3V
3.3μH
70µF
33pF
3V–6V
6.8μH
50µF
33pF
6V–12V
8.2μH
40µF
22pF
1.5MHz
0.8V–1.5V
0.68μH
120µF
–
1.5V–3V
1.0μH
74µF
47pF
3V–6V
2.2μH
42µF
47pF
6V–12V
3.3μH
25µF
82pF
Table 1 provides component selection recommendations for each output voltage range. The feed-forward capacitor (CFF)
is recommended based on RFB1 = 50kΩ.
Input Capacitor
The input filter capacitor reduces peak currents drawn from the power source and reduces noise and voltage ripple on
the input caused by the circuit's switching. The ADPL12002/ADPL12003 ICs incorporate a symmetrical pinout to improve
EMI performance. It is recommended to split the input capacitors symmetrically between the two SUP pins. Connect a
2.2μF (min) ceramic capacitor on each SUP pin for low-input voltage ripple. For additional noise immunity, a high-
frequency 0603 or smaller capacitor with a recommended value of 0.1μF can be added on each SUP pin.
A bulk capacitor with higher equivalent series resistance (ESR), such as an electrolytic capacitor, is normally required as
well to lower the Q of the front-end circuit and provide the remaining capacitance needed to minimize input-voltage ripple.
The input capacitor RMS current requirement (IRMS) is defined by the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com