Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPL12002 Datasheet HTML 12Page - Analog Devices ADPL12002 Datasheet HTML 13Page - Analog Devices ADPL12002 Datasheet HTML 14Page - Analog Devices ADPL12002 Datasheet HTML 15Page - Analog Devices ADPL12002 Datasheet HTML 16Page - Analog Devices ADPL12002 Datasheet HTML 17Page - Analog Devices ADPL12002 Datasheet HTML 18Page - Analog Devices ADPL12002 Datasheet HTML 19Page - Analog Devices ADPL12002 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 16
PCB Layout Guidelines
Careful Printed circuit board (PCB) layout is critical to achieve low switching-power losses and clean, stable operation.
Use a multilayer board whenever possible for better noise immunity and power dissipation. The package for the
ADPL12002/ADPL12003 ICs offers a unique symmetrical design, which helps to cancel the magnetic field generated in
the opposite direction. See Figure 1 for example, a layout figure and the following guidelines for good PCB layout:
1. Place as many copper planes as possible under the IC footprint to ensure efficient heat transfer.
2. Place the input capacitors in a symmetrical configuration, with a 2.2µF (min) input capacitor on each SUP pin, close
to the device. For additional noise immunity, when adding a high-frequency ceramic input-bypass capacitor (CBP) on
each SUP pin, first place the high-frequency capacitor as close to the pin as possible, followed by the 2.2µF capacitor.
Place the ceramic capacitors as close as possible to the SUP and PGND pins on both sides of the IC. Use low-
impedance connections (no vias or other discontinuities) between the capacitors and IC pins. The CBP should be
located closest to the IC and should have very good high-frequency performance (small package size and high
capacitance). This provides the best EMI rejection and minimizes internal noise on the device, which can degrade
performance.
3. Connect PGND and GND pins directly under the IC. This ensures the shortest connection path between GND and
PGND.
4. Place the BIAS capacitor as close to the IC BIAS pin as possible to reduce the bias current loop. This helps to reduce
noise on BIAS for smooth operation.
5. Place the bootstrap capacitor CBST close to the IC and use short, wide traces to minimize the loop area to minimize
the parasitic inductance. Use the nearest layer for a return trace (CBST to LX) to minimize the inductance further.
High parasitic inductance can impact switching speed (increase switching losses) and cause high dv/dt noise.
6. Place the inductor as close to the IC LX pin as possible and minimize the area of the LX node.
7. Place the output capacitors in a symmetrical configuration on opposite sides of the inductor for best noise immunity.
Place the output capacitors (COUT) near the inductor so that the ground side of COUT is near the CIN ground
connection to minimize the current-loop area. Add vias on the capacitor ground to minimize the inductance. For
additional noise immunity, place a high-frequency capacitor on each side of the inductor, followed by the output
capacitors, to further reduce the radiated noise.
8. Place the inductor, output capacitors, bootstrap capacitor, and BIAS capacitor in such a way as to minimize the area
enclosed by the current loops. Keep the power traces and load connections short. This practice is essential for high
efficiency. Use a thick copper PCB to enhance full-load efficiency and power-dissipation capability.
9. Use internal PCB layers as ground planes to help improve the EMI, as ground planes act as a shield against radiated
noise. Spread multiple vias around the board, especially near the ground connections.
10. Use a continuous copper GND plane on the layer next to the IC to shield the entire circuit. The GND should also be
poured around the entire circuit on the top side. Ensure that all heat-dissipating components have adequate
connections to copper for cooling. Use multiple vias to interconnect GND planes/areas for low impedance and
maximum heat dissipation. Place vias at the GND terminals of the IC and input/output/bypass capacitors. Do not
separate or isolate PGND and GND connections with separate planes or areas.
11. Place the feedback resistor-divider near the IC and route the feedback connection away from the inductor and LX
node, and other noisy signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com