Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 5 Page - Analog Devices

  ADPL12002 Datasheet HTML 1Page - Analog Devices ADPL12002 Datasheet HTML 2Page - Analog Devices ADPL12002 Datasheet HTML 3Page - Analog Devices ADPL12002 Datasheet HTML 4Page - Analog Devices ADPL12002 Datasheet HTML 5Page - Analog Devices ADPL12002 Datasheet HTML 6Page - Analog Devices ADPL12002 Datasheet HTML 7Page - Analog Devices ADPL12002 Datasheet HTML 8Page - Analog Devices ADPL12002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 5
Electrical Characteristics
(VSUP = VEN = 14V, TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C under normal conditions unless
otherwise noted. See Note 1 and Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUP
3
20
V
Supply Current
ISUP_SHDN
VEN = 0, TA = +25°C
2.75
5.00
μA
ISUP
VEN = high, VOUT = 0.8V, no load,
switching, TA = +25°C
27
SUP Undervoltage
Lockout
VSUP_UVLO_R
ISE
SUP voltage rising
2.900
3.025
3.150
V
VSUP_UVLO_F
ALL
SUP voltage falling
2.600
2.725
2.850
BIAS Voltage
VBIAS
1.8
V
BIAS Undervoltage
Lockout
VBIAS_UVLO
BIAS voltage rising
1.58
1.63
1.68
V
BIAS Undervoltage
Lockout Hysteresis
VBIAS_UVLO_
HYS
BIAS UVLO hysteresis (See Note 3)
65
mV
BUCK CONVERTER
Output Voltage
Adjustable Range
VOUT
0.8
12
V
Feedback Voltage
Accuracy
VFB_PWM
VFB = 0.8V, PWM mode, no load,
TA = -40°C to +125°C
0.788
0.800
0.812
V
Feedback Leakage
Current
IFB
VFB = 0.8V, TA = +25°C
100
nA
High-Side DMOS
On-Resistance
RDSON_HS
VBIAS = 1.8V, ILX = 0.5A
96
175
mΩ
Low-Side DMOS
On-Resistance
RDSON_LS
VBIAS = 1.8V, ILX = 0.5A
46
90
mΩ
High-Side DMOS
Current-Limit Threshold
ILIM
ADPL12002
3.3
4.0
4.7
A
ADPL12003
4.375
5.300
6.200
LX Leakage
ILX_LKG
VSUP = 20V, VLX = 0V, or VLX = 20V,
TA = +25°C
1
μA
Soft-Start Ramp Time
tSS
fSW = 400kHz
2.5
ms
fSW = 1.5MHz
3.5
Minimum On-Time
tON
37
65
ns
Maximum Duty Cycle
DMAX
Dropout mode
98
99
%
SWITCHING FREQUENCY
PWM Switching
Frequency
fSW
fSW = 400kHz
360
400
440
kHz
fSW = 1.5MHz
1.375
1.500
1.625
MHz
SYNC External Clock
Frequency
fSYNC
fSW = 400kHz
360
600
kHz
fSW = 1.5MHz
1.215
1.845
MHz
Spread Spectrum
SPS
Percentage of fSW
±6
%
PGOOD OUTPUT
PGOOD UV Threshold
VPGOOD_UV_
THR
VOUT rising
91.75
94.00
96.25
%
VPGOOD_UV_
THF
VOUT falling
90.75
93.00
95.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com