Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPL12002 Datasheet HTML 12Page - Analog Devices ADPL12002 Datasheet HTML 13Page - Analog Devices ADPL12002 Datasheet HTML 14Page - Analog Devices ADPL12002 Datasheet HTML 15Page - Analog Devices ADPL12002 Datasheet HTML 16Page - Analog Devices ADPL12002 Datasheet HTML 17Page - Analog Devices ADPL12002 Datasheet HTML 18Page - Analog Devices ADPL12002 Datasheet HTML 19Page - Analog Devices ADPL12002 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 18
Typical Application Circuits
400kHz
ADPL12003
SUP
EN
BST
LX
CBST
0.1µF
L
6.8µH
COUT
50µF
RTOP
49.9k
CFF
33pF
VOUT = 3.3V
0.1µF
CIN1
2.2µF
VSUP = 3V TO 20V
FB
PGND
RBOT
15.4k
SUP
SYNC
0.1µF
CIN2
2.2µF
SPS
PGOOD
RPGOOD
49.9k
BIAS
GND
CBIAS
2.2µF
1.5MHz
ADPL12003
SUP
EN
BST
LX
CBST
0.1µF
L
2.2µH
COUT
42µF
RTOP
49.9k
CFF
47pF
VOUT = 3.3V
0.1µF
CIN1
2.2µF
VSUP = 3V TO 20V
FB
PGND
RBOT
15.4k
SUP
SYNC
0.1µF
CIN2
2.2µF
SPS
PGOOD
RPGOOD
20k
BIAS
GND
CBIAS
2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com