Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 1 Page - Analog Devices

  ADPL12002 Datasheet HTML 1Page - Analog Devices ADPL12002 Datasheet HTML 2Page - Analog Devices ADPL12002 Datasheet HTML 3Page - Analog Devices ADPL12002 Datasheet HTML 4Page - Analog Devices ADPL12002 Datasheet HTML 5Page - Analog Devices ADPL12002 Datasheet HTML 6Page - Analog Devices ADPL12002 Datasheet HTML 7Page - Analog Devices ADPL12002 Datasheet HTML 8Page - Analog Devices ADPL12002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
ADPL12002/ADPL12003
19-102009; Rev 0;
5/25
© 202
5 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
General Description
The
ADPL12002/ADPL12003
ICs
are
small,
synchronous buck converters with integrated high-side
and low-side switches. The ICs are designed to deliver
up to 2.5A/3.5A with a wide, 3V to 20V input voltage
range. Voltage quality can be monitored by observing
the PGOOD signal. The ICs can operate in dropout
mode by running at a 99% duty cycle, making it ideal for
factory automation applications.
The ADPL12002/ADPL12003 ICs offer externally
programmable output voltage. Fixed internal frequency
options of 400kHz/1.5MHz are available, allowing for
small external components and reduced output ripple.
When SYNC is low, the ADPL12002/ADPL12003
automatically enters skip mode at light loads with an
ultra-low quiescent current of 27µA at no load. A pin-
selectable Forced–Pulse-width modulation (PWM)
mode is also available, which helps to improve
Electromagnetic Interference (EMI) performance. The
devices have a spread-spectrum frequency modulation
option designed to minimize EMI-radiated emissions
due to the modulation frequency.
The ADPL12002/ADPL12003 ICs are available in a
small, 3mm x 3mm, 17-pin flip-chip quad flat no-lead
(FC2QFN)
package,
utilizing
a
few
external
components.
Key Applications
• Factory Automation
• Point-of-Load
• Distributed DC Power Systems
• Communication Infrastructure
• Test and Measurement
Benefits and Features
• Multiple Functions for Small Size
• Operating Input Voltage Range: 3V to 20V
• Synchronous DC-DC Converter with Integrated
Field-Effect Transistors (FETs) up to 2.5A/3.5A
• 27μA Quiescent Current in Skip Mode
• 400kHz/1.5MHz Switching Frequency
• Spread-Spectrum Option
• Internal Soft-Start
- 2.5ms for 400kHz
- 3.5ms for 1.5MHz
• Programmable 0.8V to 12V Output Voltage
Range
• 99% Duty Cycle Operation with Low Dropout
• High Precision for Safety-Critical Applications
• Precision Enable Thresholds for Fully
Programmable UVLO Thresholds
• Accurate Windowed PGOOD
Forced-PWM and Skip-Mode Operation
Overtemperature, Overvoltage, and Short-Circuit
Protection
3mm x 3mm, 15-Pin FC2QFN
-40°C to +150°C Operating Junction Temperature
Range
Ordering Information appears at end of data sheet.


Similar Part No. - ADPL12002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12005 AD-ADPL12005 Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
ADPL12005AFOA+T AD-ADPL12005AFOA+T Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
ADPL12005AFOB+T AD-ADPL12005AFOB+T Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
ADPL12006 AD-ADPL12006 Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
ADPL12006AFOA+T AD-ADPL12006AFOA+T Datasheet
1,006Kb / 19P
20V, 5A/6A Fully Integrated Synchronous Buck Converters
Rev 0; 5/25
More results

Similar Description - ADPL12002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 29, 2011
logo
Global Mixed-mode Techn...
G5640 GMT-G5640 Datasheet
637Kb / 1P
2.5A Buck Converter
logo
Intersil Corporation
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Global Mixed-mode Techn...
G5644 GMT-G5644 Datasheet
161Kb / 1P
2.5A Buck Converter
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com