Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL12002 Datasheet HTML 11Page - Analog Devices ADPL12002 Datasheet HTML 12Page - Analog Devices ADPL12002 Datasheet HTML 13Page - Analog Devices ADPL12002 Datasheet HTML 14Page - Analog Devices ADPL12002 Datasheet HTML 15Page - Analog Devices ADPL12002 Datasheet HTML 16Page - Analog Devices ADPL12002 Datasheet HTML 17Page - Analog Devices ADPL12002 Datasheet HTML 18Page - Analog Devices ADPL12002 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 15
Inductor Selection
Inductor design is a compromise between the size, efficiency, control-loop bandwidth, and stability of the converter. An
insufficient inductance value increases the inductor current ripple, resulting in higher conduction losses and a higher
output voltage ripple. Since the slope compensation is fixed internally for the ADPL12002/ADPL12003, it might also cause
current-mode-control instability. A large inductor reduces the ripple but increases the size and cost of the solution and
slows the response. Table 2 provides optimized inductor values for the respective switching frequency and output voltage.
Table 2. Recommended Inductor Values
PART NUMBER
FREQUENCY
VOUT (V)
INDUCTOR (μH)
MIN
TYP
MAX
ADPL12002
400kHz
3.3V
4.7
6.8
8.2
5V
6.8
8.2
10
12V
10
12
15
1.5MHz
3.3V
1.5
2.2
2.8
5V
1.8
2.2
3.3
12V
3.3
4.7
5.6
ADPL12003
400kHz
3.3V
4.7
6.8
8.2
5V
4.7
6.8
8.2
12V
8.2
10
12
1.5MHz
3.3V
1.0
2.2
2.8
5V
1.5
2.2
3.3
12V
3.3
4.7
5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com