Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPL12002 Datasheet HTML 7Page - Analog Devices ADPL12002 Datasheet HTML 8Page - Analog Devices ADPL12002 Datasheet HTML 9Page - Analog Devices ADPL12002 Datasheet HTML 10Page - Analog Devices ADPL12002 Datasheet HTML 11Page - Analog Devices ADPL12002 Datasheet HTML 12Page - Analog Devices ADPL12002 Datasheet HTML 13Page - Analog Devices ADPL12002 Datasheet HTML 14Page - Analog Devices ADPL12002 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 11
the converter turns on the high-side switch again. This cycle repeats until the short-circuit or overload condition is
removed.
A short-circuit is detected when the output voltage falls below 50% of the regulation voltage while in the current limit. If
this occurs, hiccup mode activates, and the output turns off for 35ms (10 x 3.5ms, 1.5MHz) or 25ms (10 x 2.5ms, 400kHz)
and then attempts to restart. This repeats indefinitely while the short-circuit condition is present. Hiccup mode is disabled
during soft-start.
Thermal Shutdown
Thermal shutdown protects the devices from excessive operating temperature. When the junction temperature exceeds
+175°C, an internal sensor shuts down the step-down converter, which allows the ICs to cool. The sensor turns the ICs
on again after the junction temperature cools by 15°C.
Overvoltage Protection
The ICs feature overvoltage protection for the output. In case of an overvoltage event in skip mode, the high-side switch
is turned OFF, and the low-side switch is turned ON until the inductor current reaches a fixed negative value. Once this
value is reached, the low-side switch is turned OFF, and turns ON again in the next cycle until the output falls below the
OV falling threshold. This way, the output is quickly discharged and brought back to regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com