Electronic Components Datasheet Search
  English  ▼

X  

ADPL12002 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL12002 Datasheet HTML 5Page - Analog Devices ADPL12002 Datasheet HTML 6Page - Analog Devices ADPL12002 Datasheet HTML 7Page - Analog Devices ADPL12002 Datasheet HTML 8Page - Analog Devices ADPL12002 Datasheet HTML 9Page - Analog Devices ADPL12002 Datasheet HTML 10Page - Analog Devices ADPL12002 Datasheet HTML 11Page - Analog Devices ADPL12002 Datasheet HTML 12Page - Analog Devices ADPL12002 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 9
Pin Configurations
14
5
1
15
4
6
NC
ADPL12002
ADPL12003
EN
SUP
BST
NC
SUP
10
13
12
11
2
3
9
8
7
15 FC2QFN
(3.0mm x 3.0mm)
Pin Descriptions
PIN
NAME
FUNCTION
1
EN
High-Voltage-Tolerant, Active-High Digital Enable Input. Drive EN high to enable the buck converter.
2, 8
NC
Not Connected.
3, 7
SUP
Internal High-Side Supply Input. SUP provides power to the internal switch and LDO. Bypass SUP to
PGND with 0.1μF and 2.2μF ceramic capacitors. Place the 0.1μF capacitor as close to the SUP and PGND
pins as possible, followed by the 2.2μF capacitor.
4, 6
PGND
Power Ground.
5
LX
Inductor Connection. Connect LX to the switched side of the inductor.
9
BST
Boost Flying Capacitor Connection for High-Side FET Gate Voltage. Connect a 0.1μF ceramic capacitor
between BST and LX.
10
GND
Quiet Analog Ground.
11
BIAS
1.8V Internal BIAS Supply. Connect a minimum of 2.2μF ceramic capacitor from BIAS to PGND.
12
SPS
Spread-Spectrum Enable. Connect to logic high to enable the spread spectrum of the internal oscillator or
logic low to disable the spread spectrum.
13
FB
Feedback Input. It acts as an output voltage feedback input. Connect an external resistor-divider between
the buck output, FB, and GND to set the output voltage.
14
PGOOD
Open-Drain Power-Good Output. Connect PGOOD to BIAS or an external positive power supply with a
pullup resistor.
15
SYNC
External Clock Synchronization Input. Connect an external clock in the given frequency range to enable
external clock synchronization. Connect SYNC to low to enable skip mode. Connect SYNC to high to
enable FPWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com