Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 12Page - Texas Instruments TPS54521 Datasheet HTML 13Page - Texas Instruments TPS54521 Datasheet HTML 14Page - Texas Instruments TPS54521 Datasheet HTML 15Page - Texas Instruments TPS54521 Datasheet HTML 16Page - Texas Instruments TPS54521 Datasheet HTML 17Page - Texas Instruments TPS54521 Datasheet HTML 18Page - Texas Instruments TPS54521 Datasheet HTML 19Page - Texas Instruments TPS54521 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
SS/TR
TPS54521
EN
PWRGD
SS/TR
EN
PWRGD
TPS54521
Time = 2 msec / div
EN = 2 V / div
Vout1 = 1 V / div
Vout2 = 1 V / div
PWRGD = 2 V / div
EN = 2 V / div
Vout1 = 1 V / div
Vout2 = 1 v / div
Time = 2 msec / div
SS/TR
EN
PWRGD
SS/TR
EN
PWRGD
TPS54521
TPS54521
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
The sequential method is illustrated in Figure 22 using two TPS54521 devices. The power good of the first
device is coupled to the EN pin of the second device which enables the second power supply once the primary
supply reaches regulation. Figure 23 shows the results of Figure 22.
Figure 22. Sequential Start Up Sequence
Figure 23. Sequential Start Up using EN and
PWRGD
Figure 24 shows the method implementing ratio-metric sequencing by connecting the SS/TR pins of two devices
together. The regulator outputs ramp up and reach regulation at the same time. When calculating the slow start
time the pull-up current source must be doubled in Equation 5. Figure 25 shows the results of Figure 24.
Figure 25. Ratio-metric Startup using Coupled
SS/TR Pins
Figure 24. Ratiometric Start Up Sequence
Ratio-metric and simultaneous power supply sequencing can be implemented by connecting the resistor network
of R1 and R2 shown in Figure 26 to the output of the power supply that needs to be tracked or another voltage
reference source. Using Equation 6 and Equation 7, the tracking resistors can be calculated to initiate the Vout2
slightly before, after or at the same time as Vout1. Equation 8 is the voltage difference between Vout1 and
Vout2.
To design a ratio-metric start up in which the Vout2 voltage is slightly greater than the Vout1 voltage when Vout2
reaches regulation, use a negative number in Equation 6 and Equation 7 for deltaV. Equation 8 results in a
positive number for applications where the Vout2 is slightly lower than Vout1 when Vout2 regulation is achieved.
Figure 27 and Figure 28 show the results for positive deltaV and negative deltaV respectively.
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com