Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 5Page - Texas Instruments TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments TPS54521 Datasheet HTML 10Page - Texas Instruments TPS54521 Datasheet HTML 11Page - Texas Instruments TPS54521 Datasheet HTML 12Page - Texas Instruments TPS54521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
T – Junction Temperature – C
J
°
40
50
60
70
80
–50
–25
0
25
50
75
100
125
T – Junction Temperature – C
J
°
80
90
100
110
120
–50
–25
0
25
50
75
100
125
VSENSE Rising
VSENSE Falling
VSENSE Falling
VSENSE Rising
V – Input Voltage – V
I
400
500
600
700
800
3
6
9
12
15
18
T = 125 C
J
°
T = 25 C
J
°
T = 40 C
J
–
°
T – Junction Temperature – C
J
°
2.10
2.20
2.30
2.40
2.50
–50
–25
0
25
50
75
100
125
T – Junction Temperature – C
J
°
1.00
1.05
1.10
1.15
1.20
–50
–25
0
25
50
75
100
125
VIN = 12 V
EN = 1.1 V
T – Junction Temperature – C
J
°
1.20
1.21
1.22
1.23
1.24
–50
–25
0
25
50
75
100
125
VIN = 12 V
TPS54521
www.ti.com
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
EN PIN PULL-UP CURRENT vs TEMPERATURE
EN PIN UVLO THRESHOLD vs TEMPERATURE
Figure 7.
Figure 8.
NON-SWITCHING OPERATING QUIESCENT CURRENT vs
SLOW START CHARGE CURRENT vs
INPUT VOLTAGE
TEMPERATURE
Figure 9.
Figure 10.
(SS/TR - VSENSE) OFFSET vs TEMPERATURE
PWRGD THRESHOLD vs TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com