Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments TPS54521 Datasheet HTML 10Page - Texas Instruments TPS54521 Datasheet HTML 11Page - Texas Instruments TPS54521 Datasheet HTML 12Page - Texas Instruments TPS54521 Datasheet HTML 13Page - Texas Instruments TPS54521 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
T – Junction Temperature – C
J
°
3
4
5
6
–50
–25
0
25
50
75
100
125
RT = 100 K
VIN = 12 V
IOUT = 2 A
150
T – Junction Temperature – C
J
°
2.0
2.1
2.2
–50
–25
0
25
50
75
100
125
V – Input Voltage – V
I
7
8
9
10
11
3
8
13
18
T = –40 C
J
°
T = 25 C
J
°
T = 125 C
J
°
T – Junction Temperature – C
J
°
70
80
90
100
110
–50
–25
0
25
50
75
100
125
120
VIN = 12 V
IOUT = 2 A
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
HIGH-SIDE CURRENT LIMIT THRESHOLD vs
MINIMUM CONTROLLABLE ON TIME vs
INPUT VOLTAGE
TEMPERATURE
Figure 13.
Figure 14.
MINIMUM CONTROLLABLE DUTY RATIO vs
JUNCTION TEMPERATURE
BOOT-PH UVLO THRESHOLD vs TEMPERATURE
Figure 15.
Figure 16.
OVERVIEW
The device is a 17-V, 5-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs. To
improve performance during line and load transients the device implements a constant frequency, peak current
mode control which also simplifies external frequency compensation. The wide switching frequency of 200 kHz to
900 kHz allows for efficiency and size optimization when selecting the output filter components. The switching
frequency is adjusted using a resistor to ground on the RT/CLK pin. The device also has an internal phase lock
loop (PLL) controlled by the RT/CLK pin that can be used to synchronize the switching cycle to the falling edge
of an external system clock.
The device has been designed for safe monotonic startup into pre-biased loads. The default start up is when VIN
is typically 4.0V. The EN pin has an internal pull-up current source that can be used to adjust the input voltage
under voltage lockout (UVLO) with two external resistors. In addition, the EN pin can be left floating for the
device to automatically start with the internal pull-up current. The total operating current for the device is
approximately 600
μA when not switching and under no load. When the device is disabled, the supply current is
typically less than 2
μA.
The integrated MOSFETs allow for high efficiency power supply designs with continuous output currents up to 5
amperes. The MOSFETs have been sized to optimize efficiency for lower duty cycle applications.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com