Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments TPS54521 Datasheet HTML 10Page - Texas Instruments TPS54521 Datasheet HTML 11Page - Texas Instruments TPS54521 Datasheet HTML 12Page - Texas Instruments TPS54521 Datasheet HTML 13Page - Texas Instruments TPS54521 Datasheet HTML 14Page - Texas Instruments TPS54521 Datasheet HTML 15Page - Texas Instruments TPS54521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Vout
Vref
R8
R9
Vref
-
=
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
Adjusting the Output Voltage
The output voltage is set with a resistor divider from the output (VOUT) to the VSENSE pin. It is recommended to
use 1% tolerance or better divider resistors. Referring to the application schematic of Figure 34, start with a 10
k
Ω resistor for R9 and use Equation 1 to calculate R8. To improve efficiency at light loads, consider using larger
value resistors. If the values are too high, the regulator is more susceptible to noise and voltage errors from the
VSENSE input current are noticeable.
(1)
Where Vref = 0.8V
The minimum output voltage and maximum output voltage can be limited by the minimum on time of the high-
side MOSFET and bootstrap voltage (BOOT-PH voltage) respectively. More discussions are located in Minimum
Output Voltage and Bootstrap Voltage (BOOT) and Low Dropout Operation.
Safe Start-up into Pre-Biased Outputs
The device has been designed to prevent the low-side MOSFET from discharging a prebiased output. During
monotonic pre-biased startup, the low-side MOSFET is not allowed to turn on until the SS/TR pin voltage is
higher than the VSENSE pin voltage.
Error Amplifier
The device uses a transconductance error amplifier. The error amplifier compares the VSENSE pin voltage to the
lower of the SS/TR pin voltage or the internal 0.8V voltage reference. The transconductance of the error amplifier
is 1300
μA/V during normal operation. The frequency compensation network is connected between the COMP
pin and ground.
Slope Compensation
The device adds a compensating ramp to the switch current signal. This slope compensation prevents sub-
harmonic oscillations. The available peak inductor current remains constant over the full duty cycle range.
Enable and Adjusting Under-Voltage Lockout
The EN pin provides an electrical on/off control of the device. Once the EN pin voltage exceeds the threshold
voltage, the device starts operation. If the EN pin voltage is pulled below the threshold voltage, the regulator
stops switching and enters a low Iq state.
The EN pin has an internal pull-up current source, allowing the user to float the EN pin for enabling the device. If
an application requires controlling the EN pin, use an open drain or open collector output logic to interface with
the pin.
The device implements internal UVLO circuitry on the VIN pin. The device is disabled when the VIN pin voltage
falls below the internal VIN UVLO threshold. The internal VIN UVLO threshold has a hysteresis of 150mV.
If an application requires either a higher UVLO threshold on the VIN pin or a secondary UVLO on the PVIN pin,
in split rail applications, then the EN pin can be configured as shown in Figure 17, Figure 18 or Figure 19. When
using the external UVLO function, it is recommended to set the hysteresis to be greater than 500mV.
The EN pin has a small pull-up current Ip which sets the default state of the pin to enable when no external
components are connected. The pull-up current is also used to control the voltage hysteresis for the UVLO
function since it increases by Ih once the EN pin crosses the enable threshold. The UVLO thresholds can be
calculated using Equation 2 and Equation 3.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com