Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
(
)
-
=
×
×
Vinmin
Vout
Vout
Icirms
Iout
Vinmin
Vinmin
(
)
12
f
×
-
=
×
×
×
Vout
Vinmax
Vout
Icorms
Vinmax L1
sw
((
)
)
rated
out
rated
eff
rated
V
V
C
C
V
-
×
=
2
cap
eff
1
Z
ESR
sw C
=
+
×
×
f
p
ripple
eq
ripple
V
Z
I
=
2
f
× D
>
× D
Iout
Co
sw
Vout
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
change in load current and output voltage and adjust the duty cycle to react to the change. The output capacitor
must be sized to supply the extra current to the load until the control loop responds to the load change. The
output capacitance must be large enough to supply the difference in current for 2 clock cycles while only allowing
a tolerable amount of droop in the output voltage. Equation 22 shows the minimum output capacitance necessary
to accomplish this.
(22)
Where
ΔIout is the change in output current, fsw is the regulator's switching frequency and ΔVout is the
allowable change in the output voltage. For this example, the transient load response is specified as a 1%
change in Vout for a load step of 3A. Using these numbers (
ΔIout = 3.0 A and ΔVout= 0.01 x 5 = 0.05 V) gives a
minimum capacitance of 171
μF.
The next consideration is the maximum impedance at the switching frequency required to meet the output
voltage ripple specification. The ripple current in the inductor is absorbed by the output capacitor and creates a
ripple voltage across the capacitor's ESR and reactive impedance. Equation 23 calculates the maximum
impedance to meet the ripple voltage specification of 75 mV. Equation 23 yields 49 m
Ω for this design.
(23)
This impedance at the switching frequency is the sum of its ESR and the absolute value of its reactive
impedance. Equation 24 calculates the impedance at the switching frequency for any capacitor and must yield a
resultant Zcap less than the Zeq found in Equation 23 to meet the output voltage ripple specification. The
6TPB220M (220 µF, 40 m
Ω ESR) Poscap from Sanyo meets the impedance requirements of Equation 23 and
the capacitance requirements of Equation 22.
(24)
Ceff in Equation 24 is the effective capacitance of the output capacitor. This capacitance is equal to the rated
capacitance for most capacitor types, except for ceramics. The capacitance of ceramic capacitors is highly
dependent on the DC output voltage due to the DC bias effect, which reduces the effective capacitance as the
DC voltage on the capacitor is increased. Equation 25 is used to estimate the effective capacitance of a ceramic
capacitor, based on its voltage rating, the output voltage, and its nominal capacitance.
(25)
Capacitors generally have limits to the amount of ripple current they can handle without failing or producing
excessive heat. An output capacitor that can support the inductor ripple current must be specified. Some
capacitor data sheets specify the RMS (Root Mean Square) value of the maximum ripple current. Equation 26
can be used to calculate the RMS ripple current the output capacitor needs to support. For this application,
Equation 26 yields 441 mA, which is less than the output capacitor's rating of 2 A.
(26)
Input Capacitor Selection
The TPS54521 requires a high quality ceramic, type X5R or X7R, input decoupling capacitor of roughly 4.7 µF on
each input voltage rail (VIN and PVIN). In some applications, additional bulk capacitance may also be required
for the PVIN input. The voltage rating of the input capacitor must be greater than the maximum input voltage.
The capacitor must also have a ripple current rating greater than the maximum input current ripple of the
TPS54521. The input ripple current for this design, using Equation 27, is 2.42 A.
(27)
24
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com