Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54521 Datasheet HTML 1Page - Texas Instruments TPS54521 Datasheet HTML 2Page - Texas Instruments TPS54521 Datasheet HTML 3Page - Texas Instruments TPS54521 Datasheet HTML 4Page - Texas Instruments TPS54521 Datasheet HTML 5Page - Texas Instruments TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TPS54521
www.ti.com
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS (continued)
TJ= –40°C to 125°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Thermal shutdown
140
150
°C
Thermal shutdown hysteresis
5
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Minimum switching frequency
Rrt = 240 k
Ω (1%)
160
200
240
kHz
Switching frequency
Rrt = 100 k
Ω (1%)
400
480
560
kHz
Maximum switching frequency
Rrt = 53 k
Ω (1%)
765
900
1035
kHz
Minimum pulse width
20
ns
RT/CLK high threshold
2
V
RT/CLK low threshold
0.8
V
RT/CLK falling edge to PH rising edge delay
Measure at 500 kHz with RT resistor in series
62
ns
Switching frequency range (RT mode set point
200
900
kHz
and PLL mode)
PH (PH PIN)
Minimum on time
Measured at 90% to 90% of PH, TA = 25°C, IPH =
97
135
ns
2A
Minimum off time
BOOT-PH
≥ 3 V
0
ns
BOOT (BOOT PIN)
BOOT-PH UVLO
2.1
3
V
SLOW START AND TRACKING (SS/TR PIN)
SS charge current
2.3
μA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
29
60
mV
POWER GOOD (PWRGD PIN)
VSENSE falling (Fault)
91
% Vref
VSENSE rising (Good)
94
% Vref
VSENSE threshold
VSENSE rising (Fault)
109
% Vref
VSENSE falling (Good)
106
% Vref
Output high leakage
VSENSE = Vref, V(PWRGD) = 5.5 V
30
100
nA
Output low
I(PWRGD) = 2 mA
0.3
V
Minimum VIN for valid output
V(PWRGD) < 0.5V at 100 μA
0.6
1
V
Minimum SS/TR voltage for PWRGD valid
1.2
1.4
V
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com