Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments TPS54521 Datasheet HTML 34Page - Texas Instruments TPS54521 Datasheet HTML 35Page - Texas Instruments TPS54521 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
RT/CLK
GND
PVIN
VIN
VSENSE
COMP
SS/TR
EN
PH
BOOT
PWRGD
GND
PVIN
PH
PH
EXPOSED THERMAL
PAD AREA
COMPENSATION
NETWORK
BOOT
CAPACITOR
PVIN
INPUT
BYPASS
CAPACITOR
VOUT
TOPSIDE
GROUND
AREA
VIA toGroundPlane
OUTPUT
INDUCTOR
OUTPUT
FILTER
CAPACITOR
FREQUENCY SET RESISTOR
SLOWSTART
CAPACITOR
ANALOGGROUND TRACE
VIN
INPUT
BYPASS
CAPACITOR
VIN
PVIN
UVLOSET
RESISTORS
FEEDBACK
RESISTORS
EtchUnderComponent
0.010in.Diameter
ThermalVIA toGroundPlane
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
Figure 55. PCB Layout
Estimated Circuit Area
The estimated printed circuit board area for the components used in the design of Figure 34 is 0.5 in2 (323 mm2).
This area does not include test points or connectors.
32
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com