Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 9Page - Texas Instruments TPS54521 Datasheet HTML 10Page - Texas Instruments TPS54521 Datasheet HTML 11Page - Texas Instruments TPS54521 Datasheet HTML 12Page - Texas Instruments TPS54521 Datasheet HTML 13Page - Texas Instruments TPS54521 Datasheet HTML 14Page - Texas Instruments TPS54521 Datasheet HTML 15Page - Texas Instruments TPS54521 Datasheet HTML 16Page - Texas Instruments TPS54521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
(
)
´
-
+
+
ENFALLING
STOP
ENFALLING
p
h
R1 V
R2 =
V
V
R1 I
I
1
æ
ö
-
ç
÷
è
ø
æ
ö
-
+
ç
÷
è
ø
ENFALLING
START
STOP
ENRISING
ENFALLING
p
h
ENRISING
V
V
V
V
R1 =
V
I
I
V
EN
ip
ih
VIN
TPS54521
R 1
R 2
PVIN
EN
ip
ih
PVIN
TPS54521
R 1
R 2
EN
ip
ih
VIN
TPS54521
R 1
R 2
TPS54521
www.ti.com
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
Figure 17. Adjustable VIN Under Voltage Lock Out
Figure 18. Adjustable PVIN Under Voltage Lock Out, VIN
≥ 4.5V
Figure 19. Adjustable VIN and PVIN Under Voltage Lock Out
(2)
(3)
Where Ih = 3.4 μA, Ip = 1.15 μA, VENRISING = 1.21 V, VENFALLING = 1.17 V
Adjustable Switching Frequency and Synchronization (RT/CLK)
The RT/CLK pin can be used to set the switching frequency of the device in two modes.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com