Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54521 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments TPS54521 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
Load Current - A
Vin = 8 V
Vin = 12 V
Vin = 17 V
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
EFFICIENCY
vs
LOAD CURRENT
Figure 53.
Thermal Performance
Figure 54. Thermal Signature of Example Circuit Operating at
VIN=12V,VOUT=5V/5A, TA = Room Temperature
Table 2. Bill of Materials
COUNT
RefDes
Value
Description
Size
Part Number
MFR
1
C2
10µF
Capacitor, Ceramic, 25V, X5R, 20%
1206
Std
Std
1
C3
4.7µF
Capacitor, Ceramic, 25V, X5R, 10%
0805
Std
Std
2
C4, C7
0.01µF
Capacitor, Ceramic, 50V, X7R, 10%
0603
Std
Std
1
C5
0.1µF
Capacitor, Ceramic, 16V, X7R, 10%
0603
Std
Std
1
C6
220pF
Capacitor, Ceramic, 50V, C0G, 5%
0603
Std
Std
0.138 x 0.110
1
C9
220µF
Capacitor, Polymer, 6.3V, 40 m
Ω ESR, ±20%
6TPB220M
Sanyo
inch
1
C11
47pF
Capacitor, Ceramic, 50V, C0G, 5%
0603
Std
Std
0.484 x 0.484
MSS1260-
1
L1
3.3µH
Inductor, 12.6m
Ω DCR, 7A, ± 30%
Coilcraft
inch
332NL
1
R1
511K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R2
100K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R3
69.8K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R4
20K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R8
52.3K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R9
10.0K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
30
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com