Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments TPS613226ADBVT Datasheet HTML 17Page - Texas Instruments TPS613226ADBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Table 8-2. List of Inductors (continued)
INDUCTAN
CE [µH]
SATURATION CURRENT
[A]
DC
RESISTANC
E [mΩ]
SIZE (L×W×H)(mm)
PART NUMBER
MANUFACTURER(1)
4.7
1.5
209
2.5 × 2 × 1.2
SDEM25201B-4R7MS
CYNTEC
(1)
See Third-party Products Disclaimer
8.2.1.2.5 Capacitor Selection
For better output voltage filtering, TI recommends low ESR X5R or X7R ceramic capacitors.
For the output capacitor at the VOUT pin, TI recommends small ceramic capacitors. Place the capacitors as
close as possible to the VOUT and GND pins of the device to depress the SW spike. The device can normally
work with SW negative spike of -0.7V within 1ns. However, larger negative spike may potentially shoot the
MOSFET inside. If, for any reason, the application requires the use of large capacitors that cannot be placed
close to the device, the use of a small ceramic capacitor with a capacitance value of 1μF in parallel to the large
one is recommended. Place this small capacitor as close as possible to the VOUT and GND pins of the device.
Considering loop stability, for inductance of 4.7 µH, the minimal output capacitor value is 10 μF (effective value).
Refer to Table 8-3 for inductor and capacitor combination. Increasing the output capacitor makes the output
ripple smaller.
When selecting capacitors, ceramic capacitor’s derating effect under DC bias voltage must be considered.
Choose the right nominal capacitance by checking capacitor's DC bias characteristics. In this example,
GRM188R60J106ME84D, which is a 10-µF ceramic capacitor with high effective capacitance value at DC
biased condition, is selected for VOUT rail. Two 10-μF capacitors in parallel are recommended to get the desired
effective capacitance.
8.2.1.2.6
Table 8-3. List of Inductor and Capacitor
INDUCTAN
CE [µH]
CAPACITANCE [µF]
LOAD [mA]
PACKAGE
PART NUMBER
MANUFACTURER(1)
1.0
2 × 10
50
0603
GRM188R60J106ME84D MURATA
2.2
2 × 10
50
0603
GRM188R60J106ME84D MURATA
4.7
22
50
0805
GRM21BZ71A226ME15
MURATA
(1)
See Third-party Products Disclaimer
8.2.1.3 Application Curves
SW
VOUT(2.2V Offset)
1V/Div
10mV/Div
Inductor Current
50mA/Div
VIN = 1.2V
TPS61322
IOUT = 0.1 mA
Figure 8-2. Switching Waveform at Light Load
SW
VOUT(2.2V Offset)
1V/Div
10mV/Div
Inductor Current
200mA/Div
VIN = 1.2 V
TPS61322
IOUT = 50 mA
Figure 8-3. Switching Waveform at Heavy Load
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com