Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 3Page - Texas Instruments TPS613226ADBVT Datasheet HTML 4Page - Texas Instruments TPS613226ADBVT Datasheet HTML 5Page - Texas Instruments TPS613226ADBVT Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Iout (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
50
55
60
65
70
75
80
85
90
95
100
D005
Vin=0.9V
Vin=1.5V
Vin=2.5V
Vin=3.0V
Vin=3.3V
TPS613226A
L = 2.2 µH
Figure 6-7. Load Efficiency with Different Inputs
Iout (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
3.5
3.55
3.6
3.65
3.7
3.75
D006
Vin=0.9V
Vin=1.5V
Vin=2.5V
Vin=3.0V
Vin=3.3V
TPS613226A
L = 2.2 µH
Figure 6-8. Load Regulation
Iout (A)
0.0001
0.001
0.005
0.02
0.05 0.1
0.2
50
55
60
65
70
75
80
85
90
95
100
D020
Vin=0.9V
Vin=1.2V
Vin=1.5V
Vin=1.8V
TPS613223A
L = 4.7 µH
Figure 6-9. Load Efficiency with Different Inputs
Iout (A)
0.0001
0.001
0.005
0.02
0.05 0.1
0.2
1.95
2
2.05
2.1
2.15
D008
Vin=0.9V
Vin=1.2V
Vin=1.5V
Vin=1.8V
TPS613223A
L = 4.7 µH
Figure 6-10. Load Regulation
Temperature (°C)
-50
-25
0
25
50
75
100
125
1000
1100
1200
1300
1400
1500
D009
TPS613221A
L = 2.2 µH
Figure 6-11. Current Limit with Different
Temperature
Temperature (°C)
-50
-25
0
25
50
75
100
125
1500
1600
1700
1800
1900
2000
D001
TPS613222A
L = 2.2 µH
Figure 6-12. Current Limit with Different
Temperature
www.ti.com
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com