Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments TPS613226ADBVT Datasheet HTML 17Page - Texas Instruments TPS613226ADBVT Datasheet HTML 18Page - Texas Instruments TPS613226ADBVT Datasheet HTML 19Page - Texas Instruments TPS613226ADBVT Datasheet HTML 20Page - Texas Instruments TPS613226ADBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
8.2.2.2.2 Schottky Diode Selection
The high switching frequency of TPS61322xx demands a high-speed rectifying switch for optimum efficiency.
Ensure that the average and peak current rating of the diode exceeds the average output current and peak
inductor current. In addition, the reverse breakdown voltage of the diode must exceed the maximum output
voltage of the converter. A snubber circuit consisting of a resistor R1 and a capacitor C2 is needed if the
Schottky diode D1 is soldered. The capacitance of C2 must be larger than triple times of the diode capacitance.
The typical value of the resistor R1 is 5 Ω, and the typical value of the capacitor C2 is 120 pF.
8.2.2.2.3 Capacitor Selection
Refer to Section 8.2.1.2.5 for the detailed design steps.Table 8-6 lists the recommended inductor and capacitor
combination. Three 10-μF capacitors in parallel are recommended to get the desired effective capacitance.
Table 8-6. List of Inductor and Capacitor
INDUCTAN
CE [µH]
CAPACITANCE [µF]
LOAD [mA]
PACKAGE
PART NUMBER
MANUFACTURER(1)
1
3 × 10
500
0603
GRM188R60J106ME84D
MURATA
2.2
3 × 10
500
0603
GRM188R60J106ME84D
MURATA
4.7
2 × 22
500
0805
GRM21BZ71A226ME15
MURATA
(1)
See Third-party Products Disclaimer
8.2.2.3 Application Curves
VIN = 3.6 V TPS613222A
IOUT = 0.1 mA
Figure 8-10. Switching Waveform at Light Load
VIN = 3.6 V TPS613222A
IOUT = 100 mA
Figure 8-11. Switching Waveform at Heavy Load
VIN = 3.6 V
TPS613222A
IOUT = 500 mA
Figure 8-12. Switching Waveform at Heavy Load
VIN = 3.6 V
TPS613222A
Rload = 250 Ω
Figure 8-13. Start-up by VIN
www.ti.com
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com