Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments TPS613226ADBVT Datasheet HTML 17Page - Texas Instruments TPS613226ADBVT Datasheet HTML 18Page - Texas Instruments TPS613226ADBVT Datasheet HTML 19Page - Texas Instruments TPS613226ADBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
8.2.2 Boost with Schottky Diode
Another typical application example is the USB OTG which normally requires 5-V output as its supply voltage
and consumes as high as 500-mA current. The following design procedure can be used to select external
component values for this application.
TPS613222A
Battery
SW
VOUT
22uF
2.2uH
VOUT
5.0V, 500mA
GND
L1
C1
D1
C2
R1
Figure 8-9. Typical Application Circuit with Schottky Diode
8.2.2.1 Design Requirements
Table 8-4. Design Requirements
PARAMETERS
VALUES
Input voltage
3 V to 4.35 V
Output voltage
5 V
Output vurrent
500 mA
Output voltage ripple
± 25 mV
8.2.2.2 Detailed Design Procedure
8.2.2.2.1 Inductor Selection
The peak current is calculated according to Equation 4 and Equation 5.The saturation current of the inductor
must be higher than the calculated peak inductor current.
In this example, the maximum load for the boost converter is 500 mA, and the minimum input voltage is 3 V.
Assuming the efficiency under this condition is 90%, and a typical 2.2-µH inductor is adopted in this application,
so the boost converter works in continuous operation mode by the calculation. The current ripple is 500mA
and the inductor peak current is calculated as 1.18 A. To leave some margin, a 2.2-µH inductor with at least
1.4-A saturation current is recommended for this application.Table 8-5 lists the recommended inductors for
TPS613222A device.
Table 8-5. List of Inductors
INDUCTAN
CE [µH]
SATURATION CURRENT
[A]
DC
RESISTANC
E [mΩ]
SIZE (L×W×H) (mm)
PART NUMBER
MANUFACTURER(1)
2.2
2.3
82
2.5 × 2 × 1.2
DFE252012F-2R2M
MURATA
2.2
2.4
89
2.5 × 2 × 1
HMLQ25201T-2R2MSR
CYNTEC
2.2
2.5
75
3.2 × 2.5 × 1.2
HMME32251B--2R2MS
CYNTEC
(1)
See Third-party Products Disclaimer
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com