Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS613226ADBVT Datasheet HTML 1Page - Texas Instruments TPS613226ADBVT Datasheet HTML 2Page - Texas Instruments TPS613226ADBVT Datasheet HTML 3Page - Texas Instruments TPS613226ADBVT Datasheet HTML 4Page - Texas Instruments TPS613226ADBVT Datasheet HTML 5Page - Texas Instruments TPS613226ADBVT Datasheet HTML 6Page - Texas Instruments TPS613226ADBVT Datasheet HTML 7Page - Texas Instruments TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
6.5 Electrical Characteristics
TJ = –40°C to +125°C and VIN = 0.9 V to 5.5 V. Typical values are at VIN = 1.2 V, TJ = 25°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
0.9
5.5
V
VVOUT_START
Minimum voltage for
startup at VOUT pin
RLoad ≥ 250Ω ,TJ =-40°C to 85°C
0.83
0.87
V
IQ
Quiescent current into
VOUT pin
VOUT = 1.2×Target
6.5
10
uA
OUTPUT
VOUT
TPS61322
VIN < VOUT, TJ =-40°C to 125°C
2.134
2.2
2.266
V
TPS613221A
VIN < VOUT, TJ =-40°C to 125°C
3.2
3.3
3.4
V
TPS613222A
VIN < VOUT, TJ =-40°C to 125°C
4.85
5.0
5.15
V
TPS613223A
VIN < VOUT, TJ =-40°C to 125°C
1.94
2.0
2.06
V
TPS613226A
VIN < VOUT, TJ =-40°C to 125°C
3.49
3.6
3.71
V
ISW_LKG
Leakage current into
SW pin
VSW = VOUT = 1.2×Target
3.5
nA
POWER SWITCH
RDS(on)_LS
Low side switch on
resistance
TPS61322
300
mΩ
TPS613221A
200
mΩ
TPS613222A
150
mΩ
TPS613223A
400
mΩ
TPS613226A
190
mΩ
RDS(on)_HS
High side switch on
resistance
TPS61322
1300
mΩ
TPS613221A
1000
mΩ
TPS613222A
750
mΩ
TPS613223A
1680
mΩ
TPS613226A
950
mΩ
ILIM
Peak switch current
limit
TPS61322
0.50
0.75
1.20
A
TPS613221A
0.75
1.20
1.60
A
TPS613222A
1.10
1.80
2.50
A
TPS613223A
0.42
0.75
1.2
A
TPS613226A
0.75
1.20
1.60
A
Protection
TSD
Over-temperature
protection
TJ rising
150
°C
TSD_HYS
Over-temperature
protection hysteresis
20
°C
www.ti.com
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com