Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 8Page - Texas Instruments TPS613226ADBVT Datasheet HTML 9Page - Texas Instruments TPS613226ADBVT Datasheet HTML 10Page - Texas Instruments TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TPS61322 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.1.2.2 Maximum Output Current
For boost converters, the maximum output current capability is determined by the input to output ratio, the
efficiency, the inductor current ripple and the current limit. The maximum output current can be estimated by
Equation 1
OUT
LH
LIM
IN
OUT
V
I
I
V
I
K
u
u
)
2
(
(max)
(1)
where
• ILIM is the peak inductor current limit
• ILH is the inductor current ripple
• η is the boost converter power convert efficiency
Minimum input voltage, maximum boost output voltage and minimum current limit should be used as the worst
case condition for the estimation.
In this example, assume the power efficiency is 70% at the minimum input voltage of 0.9 V. The calculated
maximum output current is 114 mA, which satisfies the application requirements.
8.2.1.2.3 Inductor Selection
Because the inductor affects steady state operation, transient behavior, and loop stability, the inductor is the
most important component in power regulator design. There are three important inductor specifications, inductor
value, saturation current, and dc resistance (DCR).
The TPS61322xx is optimized to work with inductor values between 0.7 µH and 13 µH. The inductor values
affect the switching frequency. The estimated switching frequency in continuous conduction mode(CCM) can
be calculated by Equation 2. The switching frequency ƒSW is not a constant value, which is determined by the
inductance, the inductor current ripple, the input voltage and the output voltage. The current ripple ILH is fixed to
200 mA typically, but it can be affected by the inductor value indirectly. Normally when a smaller inductor value
is applied, the inductor current ramps up and down more quickly. The current ripple becomes bigger because the
internal current comparator has delay to respond. If a smaller inductor peak current is required in applications,
a higher inductor value can be used. However, The inductor and output capacitor must be considered together
for the loop stability. The output capacitor and the inductance will influence the bandwidth and phase margin of
the converter. Consequently, with a larger inductor, a bigger capacitor normally must be used to ensure the same
L/C ratio for a stable loop. For best stability consideration, a 4.7-µH inductor is recommended for 2.2-V output
voltage application.
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com