Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 11Page - Texas Instruments TPS613226ADBVT Datasheet HTML 12Page - Texas Instruments TPS613226ADBVT Datasheet HTML 13Page - Texas Instruments TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments TPS613226ADBVT Datasheet HTML 17Page - Texas Instruments TPS613226ADBVT Datasheet HTML 18Page - Texas Instruments TPS613226ADBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
SW
VOUT
1V/Div
1V/Div
Inductor Current
100mA/Div
VIN
1V/Div
VIN = 1.2 V
TPS61322
Rload = 250 Ω
Figure 8-4. Start-up by VIN
SW
VOUT(2.2V Offset)
2V/Div
10mV/Div
Inductor Current
200mA/Div
VIN
500mV/Div
VIN = 1.2 V to 1.5 V
TPS61322
IOUT = 50 mA
Figure 8-5. Line Transient
SW
VOUT(2.2V Offset)
2V/Div
20mV/Div
Inductor Current
200mA/Div
IOUT
50mA/Div
VIN = 1.2 V
TPS61322
IOUT = 10 mA to 50 mA
Figure 8-6. Load Transient
SW
VOUT(2.2V Offset)
2V/Div
50mV/Div
Inductor Current
200mA/Div
IOUT
50mA/Div
VIN = 1.2 V
TPS61322
IOUT = 10 mA to 100 mA
Figure 8-7. Load Transient
Output Current (A)
0.0001
0.001
0.01
0.1
50
55
60
65
70
75
80
85
90
95
100
D007
L = 2.2 PH
L = 4.7 PH
L = 10 PH
Wurth Electronics, 74438335XXX family
2.2 µH, 4.7 µH, 10 µH
VIN = 1.2 V
TPS61322
Figure 8-8. Efficiency with Different Inductance
www.ti.com
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com