Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments TPS613226ADBVT Datasheet HTML 17Page - Texas Instruments TPS613226ADBVT Datasheet HTML 18Page - Texas Instruments TPS613226ADBVT Datasheet HTML 19Page - Texas Instruments TPS613226ADBVT Datasheet HTML 20Page - Texas Instruments TPS613226ADBVT Datasheet HTML 21Page - Texas Instruments TPS613226ADBVT Datasheet HTML 22Page - Texas Instruments TPS613226ADBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
8.3 System Examples
TPS61322xx can be easily shut down with an external switch Q1 as shown in Figure 8-20. The switch can be
mechanical switch, a P-channel MOSFET, or a PNP transistor. For a mechanical switch, there is no control logic
circuit needed to turn on or turn off the switch.
TPS6132xx
Battery
SW
VOUT
22 µF
2.2 µH
(optional for large current)
VOUT
C1
C2
L1
2.2 µF
Q1
D1
GND
Copyright © 2017, Texas Instruments Incorporated
Figure 8-20. True Shutdown for TPS61322xx
8.3.1 Detail Design Schematics
The Figure 8-21 shows the application circuit when the power supply of the micro controller unit (MCU) is not
less than the battery voltage. The Figure 8-22 shows the application circuit when the power supply of the micro
controller unit (MCU) is less than the battery voltage
TPS6132xx
Battery
SW
VOUT
22 µF
2.2 µH
(optional for large current)
VOUT
MCU
V_MCU
R1
C1
C2
L1
2.2 µF
GPIO
Q1
D1
GND
Copyright © 2017, Texas Instruments Incorporated
Figure 8-21. True Shutdown, V_MCU Voltage No
Less than Battery Voltage
TPS6132xx
Battery
SW
VOUT
22 µF
2.2 µH
(optional for large current)
VOUT
MCU
V_MCU
R1
C1
C2
L1
2.2 µF
GPIO
Q1
Q2
D1
GND
Copyright © 2017, Texas Instruments Incorporated
Figure 8-22. True Shutdown, V_MCU Voltage Less
than Battery Voltage
www.ti.com
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com