Electronic Components Datasheet Search
  English  ▼

X  

TPS613226ADBVT Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS613226ADBVT
Description  TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS613226ADBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS613226ADBVT Datasheet HTML 14Page - Texas Instruments TPS613226ADBVT Datasheet HTML 15Page - Texas Instruments TPS613226ADBVT Datasheet HTML 16Page - Texas Instruments TPS613226ADBVT Datasheet HTML 17Page - Texas Instruments TPS613226ADBVT Datasheet HTML 18Page - Texas Instruments TPS613226ADBVT Datasheet HTML 19Page - Texas Instruments TPS613226ADBVT Datasheet HTML 20Page - Texas Instruments TPS613226ADBVT Datasheet HTML 21Page - Texas Instruments TPS613226ADBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
VIN = 2.7 V to 4.3 V
TPS613222A
IOUT = 500 mA
Figure 8-14. Line Transient
VIN = 2.7 V to 4. V
TPS613222A
IOUT = 500 mA
Figure 8-15. Line Regulation
VIN = 3.6 V
TPS613222A
IOUT = 10 mA to 500 mA
Figure 8-16. Load Transient
VIN = 3.6 V
TPS613222A
IOUT = 0 mA to 500 mA
Figure 8-17. Load Regulation
Iout (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
50
60
70
80
90
100
D011
VIN=1.5V
VIN=2.5V
VIN=3.0V
VIN=3.6V
VIN=4.2V
TPS613222A
L = 2.2 µH
D1:ZLLS410TA
Figure 8-18. Efficiency with Different Input Voltage
Iout (A)
0.0001
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
4.9
4.95
5
5.05
5.1
5.15
D012
VIN=1.5V
VIN=2.5V
VIN=3.0V
VIN=3.6V
VIN=4.2V
TPS613222A
L = 2.2 µH
D1:ZLLS410TA
Figure 8-19. Load Regulation
TPS61322
SLVSDY5E – JANUARY 2018 – REVISED FEBRUARY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS61322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com