Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 12Page - Texas Instruments TUSB2046B Datasheet HTML 13Page - Texas Instruments TUSB2046B Datasheet HTML 14Page - Texas Instruments TUSB2046B Datasheet HTML 15Page - Texas Instruments TUSB2046B Datasheet HTML 16Page - Texas Instruments TUSB2046B Datasheet HTML 17Page - Texas Instruments TUSB2046B Datasheet HTML 18Page - Texas Instruments TUSB2046B Datasheet HTML 19Page - Texas Instruments TUSB2046B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Ω
Ω
1.5 kΩ
Ω
Ω
Ω
Ω
NOTES: A.
B.
C. LDO is a 5-V-to-3.3-V voltage regulator
D. All USB DP, DM signal pairs require series resistors of approximately 27
TPS2044, TPS2042, and SN75240 are Texas Instruments devices. Two TPS2042 devices can be substituted for the TPS2044.
The
outputs of the TPS204n are open drain. A 10-k pullup is recommended.
120 µF per hub is the minimum required per the USB specification. However, TI recommends a 100-µF, low ESR,
tantalum capacitor per port for immunity to voltage droop.
OCn
Ω
Ω to ensure proper termination. An optional filter
capacitor of about 22 pF is recommended for EMI suppression. This capacitor, if used, must be placed between the hub
terminal and the series resistor, as per section 7.1.6 of the USB specification.
SN75240
A
TPS2044
A
SN75240
A
3.3 V LDO
C
D
100 µF
B
100 µF
B
100 µF
B
100 µF
B
SN75240
A
16
TUSB2046B, TUSB2046I
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 2.
Table 2. Design Parameters
DESIGN PARAMETERS
VALUE
VCC Supply
3.3-V
Downstream Ports
4
Power Management
Individual-Port
Clock Source
6-MHz Crystal
External EEPROM
No
Power Source Mode
Self-Powered
9.2.2 Detailed Design Procedure
In a self-powered configuration, the TUSB2046x can be implemented for individual-port power management
when used with the TPS2044 because it is capable of supplying 500 mA of current to each downstream port and
can provide current limiting on a per-port basis. When the hub detects a fault on a downstream port, power is
removed from only the port with the fault and the remaining ports continue to operate normally. Self-powered
hubs are required to implement overcurrent protection and report overcurrent conditions. The SN75240 transient
suppressors reduce inrush current and voltage spikes on the data lines.
Figure 11. TUSB2046x Self-Powered Hub, Individual-Port Power-Management Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com