Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments TUSB2046B Datasheet HTML 10Page - Texas Instruments TUSB2046B Datasheet HTML 11Page - Texas Instruments TUSB2046B Datasheet HTML 12Page - Texas Instruments TUSB2046B Datasheet HTML 13Page - Texas Instruments TUSB2046B Datasheet HTML 14Page - Texas Instruments TUSB2046B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
XTAL1
C1
C2
C
L
XTAL2
11
TUSB2046B, TUSB2046I
www.ti.com
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Feature Description (continued)
Using a combination of the BUSPWR and EEDATA/GANGED inputs, the TUSB2046x supports four modes of
power management: bus-powered hub with either individual-port power-management or ganged-port power
management, and the self-powered hub with either individual-port power management or ganged-port power
management. TI supplies the complete hub solution with the TUSB2036 (2/3-port), TUSB2046x, and the
TUSB2077 (7-port) hubs along with the power-management devices needed to implement a fully USB
specification-compliant system.
8.3.2 Clock Generation
The input clock configuration logic of TUSB2046x is enhanced to accept a 6-MHz crystal or 48-MHz on-the-board
clock source with a simple tie-off change on TSTMODE (pin 31).
•
A 6-MHz input clock configuration is shown in Figure 5.
In this mode, both TSTMODE and TSTPLL/48MCLK pins must be tied to ground. The hub is configured to
use the 6-MHz clock on pins 30 and 29, which are XTAL1 and XTAL2, respectively, on the TUSB2046x. This
is identical to the TUSB2046.
Figure 5. 6-MHz Input Clock Configuration
NOTE: This figure assumes a 6-MHz fundamental crystal that is parallel loaded. The component values of C1, C2, and Rd
are determined using a crystal from Fox Electronics – part number HC49U-6.00MHz 30\50\0-70\20, which means
±30 ppm at 25°C and ±50 ppm from 0°C to 70°C. The characteristics for the crystal include a load capacitance (CL) of
20 pF, maximum shunt capacitance (Co) of 7 pF, and the maximum ESR of 50 Ω. In order to insure enough negative
resistance, use C1 = C2 = 27 pF. The resistor Rd is used to trim the gain, and Rd = 1.5 kΩ is recommended.
Figure 6. Crystal Tuning Circuit
•
A 48-MHz input clock configuration is shown in Figure 7.
In this mode, both TSTMODE and XTAL1 pins must be tied to 3.3-V VCC. The hub accepts the 48-MHz clock
input on TSTPLL/48MCLK (terminal 27). XTAL2 must be left floating (open) for this configuration. Only the
oscillator or the onboard clock source is accepted for this mode. A crystal cannot be used for this mode,
because the internal oscillator cell of the chip only supports the fundamental frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com