Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 14Page - Texas Instruments TUSB2046B Datasheet HTML 15Page - Texas Instruments TUSB2046B Datasheet HTML 16Page - Texas Instruments TUSB2046B Datasheet HTML 17Page - Texas Instruments TUSB2046B Datasheet HTML 18Page - Texas Instruments TUSB2046B Datasheet HTML 19Page - Texas Instruments TUSB2046B Datasheet HTML 20Page - Texas Instruments TUSB2046B Datasheet HTML 21Page - Texas Instruments TUSB2046B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
TUSB2046B, TUSB2046I
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
11.1.1 Placement
1. A 0.1-μF should be placed as close as possible on VCC power pin.
2. The ESD and EMI protection devices (if used) should also be placed as close as possible to the USB
connector.
3. If a crystal is used, it must be placed as close as possible to the TUSB2046x’s XTAL1 and XTAL2 pins.
4. Place voltage regulators as far away as possible from the TUSB2046x, the crystal, and the differential pairs.
5. In general, the large bulk capacitors associated with the power rail should be placed as close as possible to
the voltage regulators.
11.1.2 Differential Pairs
1. Must be designed with a differential impedance of 90Ω ±10%.
2. Route all differential pairs on the same layer adjacent to a solid ground plane.
3. Do not route differential pairs over any plane split.
4. Adding test points will cause impedance discontinuity and will therefore negative impact signal performance.
If test points are used, they should be placed in series and symmetrically. They must not be placed in a
manner that causes stub on the differential pair.
5. Avoid 90-degree turns in trace. The use of bends in differential traces should be kept to a minimum. When
bends are used, the number of left and right bends should be as equal as possible and the angle of the bend
should be
≥ 135 degrees. This will minimize any length mismatch causes by the bends and therefore
minimize the impact bends have on EMI.
6. Minimize the trace lengths of the differential pair traces. The maximum recommended trace length for USB
2.0 differential pair signals is 8 inches. Longer trace lengths require very careful routing to assure proper
signal integrity.
7. Match the etch lengths of the differential pair traces. The USB 2.0 differential pairs should not exceed 50 mils
relative trace length difference.
8. Minimize the use of vias in the differential pair paths as much as possible. If this is not practical, make sure
that the same via type and placement are used for both signals in a pair. Any vias used should be placed as
close as possible to the TUSB2046x device.
9. Do not place power fuses across the differential pair traces.
11.1.3 Ground
TI recommends using only one board ground plane in the design. This provides the best image plane for signal
traces running above the plane. The thermal pad of the TUSB2046x and any of the voltage regulators should be
connected to this plane with vias. An earth or chassis ground is implemented only near the USB port connectors
on a different plane for EMI and ESD purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com