Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments TUSB2046B Datasheet HTML 10Page - Texas Instruments TUSB2046B Datasheet HTML 11Page - Texas Instruments TUSB2046B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Vhys
VIT+
VIT-
VCC
VIH
VIL
0 V
Logic high
Logic low
15 k
Ω
15 k
Ω
1.5 k
Ω
22
Ω
22
Ω
8
TUSB2046B, TUSB2046I
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
(1)
Characterized only. Limits are approved by design and are not production tested.
7.7 Differential Driver Switching Characteristics (Low Speed Mode)
over recommended ranges of operating free-air temperature and supply voltage, CL = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM(1)
CL = 200 pF to 600 pF,
See Figure 1 and Figure 2
75
300
ns
tf
Transition fall time for DP or DM(1)
CL = 200 pF to 600 pF,
See Figure 1 and Figure 2
75
300
ns
t(RFM)
Rise/fall time matching(1)
(tr/tf) × 100
80%
120%
VO(CRS) Signal crossover output voltage
(1)
CL = 200 pF to 600 pF
1.3
2.0
V
Figure 1. Differential Driver Switching Load
Figure 2. Differential Driver Timing Waveforms
Figure 3. Single-Ended Receiver Input Signal Parameter Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com