Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 25Page - Texas Instruments TUSB2046B Datasheet HTML 26Page - Texas Instruments TUSB2046B Datasheet HTML 27Page - Texas Instruments TUSB2046B Datasheet HTML 28Page - Texas Instruments TUSB2046B Datasheet HTML 29Page - Texas Instruments TUSB2046B Datasheet HTML 30Page - Texas Instruments TUSB2046B Datasheet HTML 31Page - Texas Instruments TUSB2046B Datasheet HTML 32Page - Texas Instruments TUSB2046B Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
www.ti.com
PACKAGE OUTLINE
C
32X
0.45
0.25
28X 0.8
PIN 1 ID
(0.13)
TYP
0.15
0.05
0 -7
4X 5.6
9.2
8.8
TYP
0.75
0.45
B
7.2
6.8
NOTE 3
A
7.2
6.8
NOTE 3
0.25
GAGE PLANE
1.6 MAX
(1.4)
PLASTIC QUAD FLATPACK
LQFP - 1.6 mm max height
VF0032A
PLASTIC QUAD FLATPACK
4219769/A 04/2019
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs.
4. Reference JEDEC registration MS-026.
PowerPAD is a trademark of Texas Instruments.
1
8
9
16
17
24
25
32
0.2
C A B
SEE DETAIL A
SEATING PLANE
A 15
DETAIL A
TYPICAL
0.1 C
SCALE 1.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com