Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2046B Datasheet HTML 1Page - Texas Instruments TUSB2046B Datasheet HTML 2Page - Texas Instruments TUSB2046B Datasheet HTML 3Page - Texas Instruments TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
TUSB2046B, TUSB2046I
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
VF Package
32-Pin LQFP
Top View
RHB Package
32-Pin VQFN With Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BUSPWR
8
I
Power source indicator. BUSPWR is an active-high input that indicates whether the downstream
ports source their power from the USB cable or a local power supply. For the bus-power mode,
this terminal must be pulled to 3.3 V, and for the self-powered mode, this terminal must be pulled
low. Input must not change dynamically during operation.
DM0
2
I/O
Root port USB differential data minus. DM0 paired with DP0 constitutes the upstream USB port.
DM1
11
I/O
USB differential data minus. DM1–DM4 paired with DP1–DP4 support up to four downstream USB
ports.
DM2
15
DM3
19
DM4
23
DP0
1
I/O
Root port USB differential data plus. DP0 paired with DM0 constitutes the upstream USB port.
DP1
12
I/O
USB differential data plus. DP1–DP4 paired with DM1–DM4 support up to four downstream USB
ports.
DP2
16
DP3
20
DP4
24
EECLK
5
O
EEPROM serial clock. When EXTMEM is high, the EEPROM interface is disabled. The EECLK
terminal is disabled and must be left floating (unconnected). When EXTMEM is low, EECLK acts
as a 3-state serial clock output to the EEPROM with a 100-μA internal pulldown.
EEDATA/GA
NGED
6
I/O
EEPROM serial data/power-management mode indicator. When EXTMEM is high,
EEDATA/GANGED selects between ganged or per-port power overcurrent detection for the
downstream ports. When EXTMEM is low, EEDATA/GANGED acts as a serial data I/O for the
EEPROM and is internally pulled down with a 100-μA pulldown. This standard TTL input must not
change dynamically during operation.
EXTMEM
26
I
When EXTMEM is high, the serial EEPROM interface of the device is disabled. When EXTMEM is
low, terminals 5 and 6 are configured as the clock and data terminals of the serial EEPROM
interface, respectively.
GND
7, 28
GND terminals must be tied to ground for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com