Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 2Page - Texas Instruments TUSB2046B Datasheet HTML 3Page - Texas Instruments TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments TUSB2046B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
TUSB2046B, TUSB2046I
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage levels are with respect to GND.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.5
3.6
V
VI
Input voltage range
–0.5
VCC + 0.5
V
VO
Output voltage range
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 V or VI < VCC
±20
mA
IOK
Output clamp current
VO < 0 V or VO < VCC
±20
mA
TA
Operating free-air temperature
TUSB2046B
0
70
°C
TUSB2046BI, TUSB2046I
–40
85
Tstg
Storage temperature range
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
7.3 Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
TUSB2046B
3
3.3
3.6
V
TUSB2046BI, TUSB2046I
3.3
3.6
VI
Input voltage, TTL/LVCMOS
0
VCC
V
VO
Output voltage, TTL/LVCMOS
0
VCC
V
VIH(REC)
High-level input voltage, signal-ended receiver
2
VCC
V
VIL(REC)
Low-level input voltage, signal-ended receiver
0.8
V
VIH(TTL)
High-level input voltage, TTL/LVCMOS
2
VCC
V
VIL(TTL)
Low-level input voltage, TTL/LVCMOS
0
0.8
V
TA
Operating free-air temperature
TUSB2046B
0
70
°C
TUSB2046BI, TUSB2046I
–40
85
R(DRV)
External series, differential driver resistor
22 (–5%)
22 (5%)
Ω
f(OPRH)
Operating (dc differential driver) high speed mode
12
Mb/s
f(OPRL)
Operating (dc differential driver) low speed mode
1.5
Mb/s
VICR
Common mode, input range, differential receiver
0.8
2.5
V
tt
Input transition times, TTL/LVCMOS
0
25
ns
TJ
Junction temperature range
–40
115
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com