Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments TUSB2046B Datasheet HTML 10Page - Texas Instruments TUSB2046B Datasheet HTML 11Page - Texas Instruments TUSB2046B Datasheet HTML 12Page - Texas Instruments TUSB2046B Datasheet HTML 13Page - Texas Instruments TUSB2046B Datasheet HTML 14Page - Texas Instruments TUSB2046B Datasheet HTML 15Page - Texas Instruments TUSB2046B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Ω
30
29
31
27
XTAL1
XTAL2
TSTMODE
TSTPLL/48MCLK
TUSB2046B USB HUB
Open
48-MHz Oscillator
or on Board Clock Source
3.3 V
12
TUSB2046B, TUSB2046I
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 7. 48-MHz Input Clock Configuration
8.4 Device Functional Modes
8.4.1 Vendor ID and Product ID With External Serial EEPROM
The EXTMEM pin enables or disables the optional EEPROM interface. When the EXTMEM pin is high, the
product ID (PID) displayed during enumeration is the general-purpose USB hub. For this default, pin 5 is disabled
and pin 6 functions as the GANGED input pin. If custom product ID (PID) and vendor ID (VID) descriptors are
desired, the EXTMEM pin must be low (EXTMEM = 0). For this configuration, pins 5 and 6 function as the
EEPROM interface with pins 5 and 6 functioning as EECLK and EEDATA, respectively. See Table 1 for a
description of the EEPROM memory map. A block diagram example of how to connect the external EEPROM if a
custom PID and VID are desired is shown in Figure 8.
Figure 8. Typical Application of the TUSB2046x USB Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com