Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 3 Page - Texas Instruments

  TUSB2046B Datasheet HTML 1Page - Texas Instruments TUSB2046B Datasheet HTML 2Page - Texas Instruments TUSB2046B Datasheet HTML 3Page - Texas Instruments TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
TUSB2046B, TUSB2046I
www.ti.com
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
5 Description (Continued)
The TUSB2046x provides the flexibility of using a 6-MHz or a 48-MHz clock. The logic level of the TSTMODE
terminal controls the selection of the clock source. When TSTMODE is low, the output of the internal APLL
circuitry is selected to drive the internal core of the device. When TSTMODE is high, the TSTPLL/48MCLK input
is selected as the input clock source and the APLL circuitry is powered down and bypassed. The internal
oscillator cell is also powered down while TSTMODE is high. Low EMI emission is achieved because the
TUSB2046x can usee a 6-MHz crystal input. Connect the crystal as shown in Figure 6. An internal PLL then
generates the 48-MHz clock used to sample data from the upstream port and to synchronize the 12 MHz used
for the USB clock. If low-power suspend and resume are desired, a passive crystal or resonator must be used.
However, a 6-MHz oscillator may be used by connecting the output to the XTAL1 pin and leaving the XTAL2 pin
open. The oscillator TTL output must not exceed 3.6 V.
For 48-MHz operation, the clock cannot be generated with a crystal using the XTAL2 output because the internal
oscillator cell supports only the fundamental frequency. Other useful features of the TUSB2046x include a
package with a 0.8-mm pin pitch for easy PCB routing and assembly, push-pull outputs for the PWRON pins
eliminate the need for pullup resistors required by traditional open-collector I/Os, and OVRCUR pins have noise
filtering for increased immunity to voltage spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com