Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 21 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCA9801 Datasheet HTML 17Page - Texas Instruments TCA9801 Datasheet HTML 18Page - Texas Instruments TCA9801 Datasheet HTML 19Page - Texas Instruments TCA9801 Datasheet HTML 20Page - Texas Instruments TCA9801 Datasheet HTML 21Page - Texas Instruments TCA9801 Datasheet HTML 22Page - Texas Instruments TCA9801 Datasheet HTML 23Page - Texas Instruments TCA9801 Datasheet HTML 24Page - Texas Instruments TCA9801 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 3.3 V
TCA9800
TCA9801
TCA9802
TCA9803
21
TCA9800
www.ti.com
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Figure 21. Selection Guide Based on Example Design Requirements
NOTE
Decoupling capacitors are not shown to keep the illustration simple. Decoupling capacitors
(1 µF and 0.1 µF) must be placed close to each power supply pin.
Based on the selection graph shown above, the TCA9802 is selected, since it is the lowest-power device's trace
(grey trace) which touches the shaded region. The TCA9803 may also be used without any consequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com