Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 10 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCA9801 Datasheet HTML 6Page - Texas Instruments TCA9801 Datasheet HTML 7Page - Texas Instruments TCA9801 Datasheet HTML 8Page - Texas Instruments TCA9801 Datasheet HTML 9Page - Texas Instruments TCA9801 Datasheet HTML 10Page - Texas Instruments TCA9801 Datasheet HTML 11Page - Texas Instruments TCA9801 Datasheet HTML 12Page - Texas Instruments TCA9801 Datasheet HTML 13Page - Texas Instruments TCA9801 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
TCA9800
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TCA9800 is a dual-channel bidirectional buffer intended for I2C bus and SMBus/PMBus systems. It provides
bidirectional level shifting (up-translation and down-translation) between low voltages (down to 0.8 V) and higher
voltages (1.65 V to 3.6 V). The TCA9800 features an internal current source on the B-side of the device, allowing
the removal of external pull-up resistors on the B-side. The current source also provides an improved rise time
and ultra-low power consumption.
The TCA9800 is able to provide true buffering (rather than a pass-FET solution) without using a static voltage
offset or incremental offset. This means that the VOL on both the A and B sides of the TCA9800 are very low
(approximately 0.2 V), helping to eliminate communication issues as a result of fixed VIL thresholds. Another key
feature of the TCA9800 is that there are no power sequencing requirements, or power supply dependencies.
VCCA can be greater than, less than, or equal to VCCB. This gives the system designer flexibility with how the
TCA9800 is used.
The TCA9800 is part of a four device family with varying current source strengths (see the Device Comparison
Table).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com