Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 4 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 4 Page - Texas Instruments

  TCA9801 Datasheet HTML 1Page - Texas Instruments TCA9801 Datasheet HTML 2Page - Texas Instruments TCA9801 Datasheet HTML 3Page - Texas Instruments TCA9801 Datasheet HTML 4Page - Texas Instruments TCA9801 Datasheet HTML 5Page - Texas Instruments TCA9801 Datasheet HTML 6Page - Texas Instruments TCA9801 Datasheet HTML 7Page - Texas Instruments TCA9801 Datasheet HTML 8Page - Texas Instruments TCA9801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
TCA9800
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCCA
Supply voltage on A-side
–0.5
4
V
VCCB
Supply voltage on B-side
–0.5
4
V
VEN
Enable input voltage
–0.5
4
V
VI/O
I2C bus voltage
–0.5
4
V
IOL
Maximum SDAA, SCLA IOL current
20
mA
IIK
Input clamp current (SDAB/SCLB)
–20
mA
Input clamp current (EN, VCCA, VCCB, SDAA, SCLA)
–20
mA
IOK
Output clamp current (SDAB/SCLB)
–20
mA
Output clamp current (EN, VCCA, VCCB, SDAA, SCLA)
–20
mA
Operating junction
temperature
TJ
130
°C
Storage temperature
Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA
Operating free-air temperature
–40
125
°C
VCCA
Supply voltage
0.8
3.6
V
VCCB
Supply voltage
1.65
3.6
V
VI/O
Input-output voltage
SDAA, SCLA
0
3.6
V
SDAB, SCLB
0
3.6
EN
0
3.6
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TCA9800
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
174.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
85
°C/W
RθJB
Junction-to-board thermal resistance
104.4
°C/W
ΨJT
Junction-to-top characterization parameter
18.3
°C/W
ΨJB
Junction-to-board characterization parameter
102.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com